Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACC702-000 Datasheet(PDF) 5 Page - JDS Uniphase Corporation

Part # ACC702-000
Description  10/100Mb/s Optical to Electrical Ethernet Demarcation Device
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

ACC702-000 Datasheet(HTML) 5 Page - JDS Uniphase Corporation

  ACC702-000 Datasheet HTML 1Page - JDS Uniphase Corporation ACC702-000 Datasheet HTML 2Page - JDS Uniphase Corporation ACC702-000 Datasheet HTML 3Page - JDS Uniphase Corporation ACC702-000 Datasheet HTML 4Page - JDS Uniphase Corporation ACC702-000 Datasheet HTML 5Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
All statements, technical information and recommendations related to the products herein are based upon infor-
mation believed to be reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and
no responsibility is assumed for any inaccuracies. The user assumes all risks and liability whatsoever in connec-
tion with the use of a product or its applications. JDSU reserves the right to change at any time without notice
the design, specifications, function, fit or form of its products described herein, including withdrawal at any
time of a product offered for sale herein. JDSU makes no representations that the products herein are free from
any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo
are trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders.
© 2006 JDS Uniphase Corporation. All rights reserved. 30149051 001 0707 ETHERNIDEE.DS.CPO.TM.AE
Test & Measurement Regional Sales
NORTH AMERICA
TEL: 1 866 228 3762
FAX: +1 301 353 9216
LATIN AMERICA
TEL:+55 11 5503 3800
FAX:+55 11 5505 1598
ASIA PACIFIC
TEL:+852 2892 0990
FAX:+852 2892 0770
EMEA
TEL:+49 7121 86 2222
FAX:+49 7121 86 1222
WEBSITE:
www.jdsu.com
ETHERNID OE
Model number
Product name
Description
ACC702-000
EtherNID™ OE.
10/100Mb/s Optical to Electrical Ethernet Demarcation
Device
SFPmodules
ACC7SA-000
SFP 100Mb/s 16 DB
100Mb/s SFP module for use with EtherNID™ OE, SM,
1310 nm, FP, 16 dB budget, LC connector.
ACC7SB-000
SFP 100Mb/s 30 DB
100Mb/s SFP module for use with EtherNID™ OE, SM,
1310 nm, FP 30 dB budget, LC connector.
Accessories
ACC704-000
EtherSHELF™
Rackmount 4U Vertical Mounting Shelf, fits 12 EtherNID™
units individually fused, -48V (A/B) redundant power feeds,
can mix and match EE, OE, and GE models.
ACC706-000
2 Unit Rackmount
Bracket
Rackmount 1U Horizontal Mounting Bracket, fits 2 EtherNID™
units.
ACC705-000
1 Unit Rackmount
Bracket
Rackmount 1U Horizontal Mounting Bracket, fits 1 EtherNID™
unit.
Relatedproducts
ACC701-000
EtherNID™ EE
10/100Mb/s Electrical-to-Electrical Ethernet Demarcation Device.
ACC703-000
EtherNID™ GE
10/100/1000Mb/s Ethernet Demarcation Device..
EtherNID EE
EtherNID GE
EtherNID OE


Similar Part No. - ACC702-000

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
ACC701-000 JDSU-ACC701-000 Datasheet
925Kb / 5P
   10/100Mb/s Electrical-to-Electrical Ethernet Demarcation Device.
ACC703-000 JDSU-ACC703-000 Datasheet
920Kb / 5P
   10/100/1000Mb/s Ethernet Demarcation Device.
More results

Similar Description - ACC702-000

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
ACC701-000 JDSU-ACC701-000 Datasheet
925Kb / 5P
   10/100Mb/s Electrical-to-Electrical Ethernet Demarcation Device.
ACC703-000 JDSU-ACC703-000 Datasheet
920Kb / 5P
   10/100/1000Mb/s Ethernet Demarcation Device.
logo
MRV Communications, Inc...
EM316EFRMAHSH-5 MRV-EM316EFRMAHSH-5 Datasheet
330Kb / 3P
   Optical Ethernet Services Demarcation - 802.3ah
logo
MUSIC Semiconductors
MU9C8338A MUSIC-MU9C8338A Datasheet
436Kb / 32P
   10/ 100Mb Ethernet Filter Interface
MU9C8338 MUSIC-MU9C8338 Datasheet
426Kb / 28P
   10/ 100Mb Ethernet Filter Interface
MU9C8358L MUSIC-MU9C8358L Datasheet
531Kb / 32P
   Quad 10/100Mb Ethernet Filter Interface
MU9C8358 MUSIC-MU9C8358 Datasheet
527Kb / 32P
   Quad 10/100Mb Ethernet Filter Interface
logo
Molex Electronics Ltd.
1120361001 MOLEX-1120361001 Datasheet
39Kb / 1P
   IP20 Unmanaged Ethernet Switch, 8 Ports, 10/100Mb Data Speed
logo
TEKTRONIX, INC.
P6701B TEKTRONIX-P6701B Datasheet
281Kb / 4P
   Optical-to-Electrical Converters
logo
Molex Electronics Ltd.
1120361000 MOLEX-1120361000 Datasheet
37Kb / 1P
   IP20 Unmanaged Ethernet Switch, 5 Ports, 10/100Mb Data Speed
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com