Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54GTL1655 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN54GTL1655
Description  16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54GTL1655 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN54GTL1655 Datasheet HTML 3Page - Texas Instruments SN54GTL1655 Datasheet HTML 4Page - Texas Instruments SN54GTL1655 Datasheet HTML 5Page - Texas Instruments SN54GTL1655 Datasheet HTML 6Page - Texas Instruments SN54GTL1655 Datasheet HTML 7Page - Texas Instruments SN54GTL1655 Datasheet HTML 8Page - Texas Instruments SN54GTL1655 Datasheet HTML 9Page - Texas Instruments SN54GTL1655 Datasheet HTML 10Page - Texas Instruments SN54GTL1655 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SN54GTL1655, SN74GTL1655
16-BIT LVTTL-TO-GTL/GTL+ UNIVERSAL BUS TRANSCEIVERS
WITH LIVE INSERTION
SCBS696E – JULY 1997 – REVISED NOVEMBER 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC, BIAS VCC
–0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1): A-port and control pins
–0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
B port, VERC, and VREF
–0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high or power-off state, VO
(see Note 1): A port
–0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
B port
–0.5 V to 4.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into any output in the low state, IO: A port
48 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
B port
200 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into any A-port output in the high state, IO (see Note 2)
48 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through each VCC or GND
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3)
55
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. This current flows only when the output is in the high state and VO > VCC.
3. The package thermal impedance is calculated in accordance with JESD 51.


Similar Part No. - SN54GTL1655

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54GTL16612 TI-SN54GTL16612 Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
SN54GTL16612A TI-SN54GTL16612A Datasheet
261Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN54GTL16612AWD TI-SN54GTL16612AWD Datasheet
261Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN54GTL16612WD TI-SN54GTL16612WD Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
SN54GTL16616 TI-SN54GTL16616 Datasheet
175Kb / 11P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH BUFFERED CLOCK OUTPUTS
More results

Similar Description - SN54GTL1655

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74GTL1655A STMICROELECTRONICS-74GTL1655A Datasheet
421Kb / 16P
   16 BIT LVTTL TO GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
logo
Texas Instruments
SN74GTL1655DGGR TI-SN74GTL1655DGGR Datasheet
461Kb / 17P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH LIVE INSERTION
logo
NXP Semiconductors
GTL1655DGG PHILIPS-GTL1655DGG Datasheet
127Kb / 23P
   16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
Rev. 01-11 May 2004
GTL1655 NXP-GTL1655 Datasheet
133Kb / 23P
   16-bit LVTTL-to-GTL/GTL bus transceiver with live insertion
Rev. 01 - 11 May 2004
logo
Texas Instruments
SN54GTL16612 TI-SN54GTL16612 Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
SN54GTL16622A TI-SN54GTL16622A Datasheet
163Kb / 10P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16923 TI-SN54GTL16923 Datasheet
153Kb / 9P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16616 TI-SN54GTL16616 Datasheet
175Kb / 11P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH BUFFERED CLOCK OUTPUTS
SN54GTL16612A TI-SN54GTL16612A Datasheet
261Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com