Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54GTL16622A Datasheet(PDF) 8 Page - Texas Instruments

Part # SN54GTL16622A
Description  18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54GTL16622A Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN54GTL16622A Datasheet HTML 2Page - Texas Instruments SN54GTL16622A Datasheet HTML 3Page - Texas Instruments SN54GTL16622A Datasheet HTML 4Page - Texas Instruments SN54GTL16622A Datasheet HTML 5Page - Texas Instruments SN54GTL16622A Datasheet HTML 6Page - Texas Instruments SN54GTL16622A Datasheet HTML 7Page - Texas Instruments SN54GTL16622A Datasheet HTML 8Page - Texas Instruments SN54GTL16622A Datasheet HTML 9Page - Texas Instruments SN54GTL16622A Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
SN54GTL16622A, SN74GTL16622A
18-BIT LVTTL-TO-GTL/GTL+ BUS TRANSCEIVERS
SCBS673D – AUGUST 1996 – REVISED DECEMBER 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature for GTL+ (unless otherwise noted)
SN54GTL16622A
SN74GTL16622A
UNIT
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
200
200
MHz
tw
Pulse duration, CLK high or low
2.5
2.5
ns
t
Setup time
Data before CLK
2.5
2.4
ns
tsu
Setup time
CE before CLK
3.4
3.2
ns
th
Hold time
Data after CLK
0.3
0.2
ns
th
Hold time
CE after CLK
0.1
0
ns
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature for GTL+ (see Figure 1)
PARAMETER
FROM
TO
SN54GTL16622A
SN74GTL16622A
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
fmax
200
200
MHz
tPLH
CLKAB
B
2.5
5.8
2.6
4
5.6
ns
tPHL
CLKAB
B
2.2
6.1
2.3
4
5.7
ns
tPLH
OEAB
B
2.3
5.5
2.4
3.8
5.2
ns
tPHL
OEAB
B
1.7
5.3
1.8
3.4
5
ns
Slew rate
Both transitions (B port)
0.5
0.5
V/ns
tr
Transition time, B outputs (0.6 V to 1.3 V)
0.9
2.8
1
1.6
2.7
ns
tf
Transition time, B outputs (1.3 V to 0.6 V)
0.4
3.7
0.5
1.1
3.2
ns
tPLH
CLKBA
A
1.9
5.5
2
3.8
5.3
ns
tPHL
CLKBA
A
1.8
5.3
1.9
3.6
5
ns
ten
OEBA
A
1.8
5.3
1.9
3.6
5
ns
tdis
OEBA
A
2
5.8
2.1
4
5.5
ns
† All typical values are at VCC = 3.3 V, TA = 25°C.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54GTL16622A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54GTL16612 TI-SN54GTL16612 Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
SN54GTL16612A TI-SN54GTL16612A Datasheet
261Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN54GTL16612AWD TI-SN54GTL16612AWD Datasheet
261Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN54GTL16612WD TI-SN54GTL16612WD Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
SN54GTL16616 TI-SN54GTL16616 Datasheet
175Kb / 11P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH BUFFERED CLOCK OUTPUTS
More results

Similar Description - SN54GTL16622A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54GTL16923 TI-SN54GTL16923 Datasheet
153Kb / 9P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16612 TI-SN54GTL16612 Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923 Datasheet
175Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16923 TI-SN74GTL16923_07 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN54GTL16612A TI-SN54GTL16612A Datasheet
261Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN54GTL1655 TI-SN54GTL1655 Datasheet
266Kb / 16P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
logo
NXP Semiconductors
GTL2006 PHILIPS-GTL2006 Datasheet
127Kb / 14P
   13-bit GTL-/GTL/GTL to LVTTL translator
2004 Jun 21
logo
Texas Instruments
SN74GTL2006 TI-SN74GTL2006 Datasheet
161Kb / 10P
[Old version datasheet]   13-BIT GTL-/GTL/GTL TO LVTTL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com