Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74GTL16616 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74GTL16616
Description  17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH BUFFERED CLOCK OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74GTL16616 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74GTL16616 Datasheet HTML 3Page - Texas Instruments SN74GTL16616 Datasheet HTML 4Page - Texas Instruments SN74GTL16616 Datasheet HTML 5Page - Texas Instruments SN74GTL16616 Datasheet HTML 6Page - Texas Instruments SN74GTL16616 Datasheet HTML 7Page - Texas Instruments SN74GTL16616 Datasheet HTML 8Page - Texas Instruments SN74GTL16616 Datasheet HTML 9Page - Texas Instruments SN74GTL16616 Datasheet HTML 10Page - Texas Instruments SN74GTL16616 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
SN54GTL16616, SN74GTL16616
17-BIT LVTTL-TO-GTL/GTL+ UNIVERSAL BUS TRANSCEIVERS
WITH BUFFERED CLOCK OUTPUTS
SCBS481F – JUNE 1994 – REVISED NOVEMBER 1999
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, VTT = 1.2 V and VREF = 0.8 V for GTL (see Figure 1)
PARAMETER
FROM
TO
SN54GTL16616
SN74GTL16616
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
fmax
95
95
MHz
tPLH
A
B
1.4
3
4.6
1.7
3
4.4
ns
tPHL
A
B
1.2
2.8
4.7
1.4
2.8
4.5
ns
tPLH
LEAB
B
2.1
3.8
5.6
2.3
3.8
5.4
ns
tPHL
LEAB
B
1.9
3.7
5.6
2.2
3.7
5.3
ns
tPLH
CLKAB
B
2.2
4
5.9
2.4
4
5.7
ns
tPHL
CLKAB
B
1.8
3.7
5.7
2.1
3.7
5.4
ns
tPLH
CLKAB
CLKOUT
4.5
6.1
8.2
4.7
6.1
8.1
ns
tPHL
CLKAB
CLKOUT
5.5
7.9
11.4
5.7
7.9
11.3
ns
tdis
OEAB
B or CLKOUT
2
3.8
5.8
2.1
3.8
5.6
ns
ten
OEAB
B or CLKOUT
2
3.6
5.2
2.1
3.6
5.1
ns
tr
Transition time, B outputs (0.5 V to 1 V)
1.2
1.2
ns
tf
Transition time, B outputs (1 V to 0.5 V)
0.7
0.7
ns
tPLH
B
A
1.6
4
6.8
1.7
4
6.7
ns
tPHL
B
A
1.3
2.9
4.7
1.4
2.9
4.7
ns
tPLH
LEBA
A
2.3
3.8
6.1
2.4
3.8
5.8
ns
tPHL
LEBA
A
1.9
3
4.8
2
3
4.6
ns
tPLH
CLKBA
A
2.5
4
6.3
2.6
4
6
ns
tPHL
CLKBA
A
2.1
3.4
5.1
2.2
3.4
4.9
ns
tPLH
CLKOUT
CLKIN
7.2
10
14.7
7.4
10
14.4
ns
tPHL
CLKOUT
CLKIN
5.9
8.1
11.8
6.1
8.1
11.7
ns
ten
OEBA
A or CLKIN
2.7
5.3
8.1
2.8
5.3
7.8
ns
tdis
OEBA
A or CLKIN
2.6
4.3
6.7
2.7
4.3
6.4
ns
† All typical values are at VCC (3.3 V) = 3.3 V, VCC (5 V) = 5 V, TA = 25°C.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74GTL16616

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTL16616 TI-SN74GTL16616 Datasheet
160Kb / 14P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN74GTL16616DGGR TI-SN74GTL16616DGGR Datasheet
160Kb / 14P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN74GTL16616DL TI-SN74GTL16616DL Datasheet
160Kb / 14P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN74GTL16616DLG4 TI-SN74GTL16616DLG4 Datasheet
160Kb / 14P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN74GTL16616DLR TI-SN74GTL16616DLR Datasheet
160Kb / 14P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
More results

Similar Description - SN74GTL16616

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74GTL16616 TI-SN74GTL16616_06 Datasheet
160Kb / 14P
[Old version datasheet]   17-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN54GTL16612 TI-SN54GTL16612 Datasheet
193Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS
SN54GTL16622A TI-SN54GTL16622A Datasheet
163Kb / 10P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL16923 TI-SN54GTL16923 Datasheet
153Kb / 9P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVERS
SN54GTL1655 TI-SN54GTL1655 Datasheet
266Kb / 16P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
logo
STMicroelectronics
74GTL1655A STMICROELECTRONICS-74GTL1655A Datasheet
421Kb / 16P
   16 BIT LVTTL TO GTL/GTL UNIVERSAL BUS TRANSCEIVERS WITH LIVE INSERTION
logo
Texas Instruments
SN54GTL16612A TI-SN54GTL16612A Datasheet
261Kb / 15P
[Old version datasheet]   18-BIT LVTTL-TO-GTL UNIVERSAL BUS TRANSCEIVERS
SN74GTL1655DGGR TI-SN74GTL1655DGGR Datasheet
461Kb / 17P
[Old version datasheet]   16-BIT LVTTL-TO-GTL/GTL UNIVERSAL BUS TRANSCEIVER WITH LIVE INSERTION
SN74GTL16923 TI-SN74GTL16923_05 Datasheet
183Kb / 13P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
SN74GTL16622A TI-SN74GTL16622A Datasheet
133Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTL/GTL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com