Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFP-CM3150G0 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # FFP-CM3150G0
Description  Fused Coupler, PM Combiner
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFP-CM3150G0 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  FFP-CM3150G0 Datasheet HTML 1Page - JDS Uniphase Corporation FFP-CM3150G0 Datasheet HTML 2Page - JDS Uniphase Corporation FFP-CM3150G0 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
FUSED COUPLER, PM COMBINER
Specifications
Parameter
980 nm
S band
C band
L band
Operating wavelength range1
980 nm
1440 to 1475 nm
1528 to 1563 nm
1570 to 1605 nm
Insertion loss (fast axis)2
Grade M
Maximum
0.40 dB
0.40 dB
0.50 dB
0.50 dB
Grade W
Maximum
0.60 dB
0.60 dB
0.70 dB
0.70 dB
Housing option
B
Dimensions (Ø x L) for 1x2 and 2x2
3.0 x 71 mm
Insertion loss (slow axis)2
Grade M
Maximum
0.35 dB
Grade W
Maximum
0.40 dB
Return loss/Directivity
Minimum
50 dB
TDL
Typical
0.15 dB
Pigtail tensile load
Maximum
5 N
Optical power handling
Maximum
4 W
Fiber type
All ports PM fiber
Pigtail
Primary-coated fiber
Operating temperature range
-5 to 75 °C
Storage temperature range
-40 to 85 °C
1. The center wavelength may be selected from within the operating wavelength ranges supplied.
2. Insertion loss over operating channel bandwidth (not including TDL or connector losses).


Similar Part No. - FFP-CM3150G0

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FFP-C13145 JDSU-FFP-C13145 Datasheet
120Kb / 3P
   Fused Coupler,Polarization Maintaining (PM)
FFP-C13150 JDSU-FFP-C13150 Datasheet
120Kb / 3P
   Fused Coupler,Polarization Maintaining (PM)
FFP-C13245 JDSU-FFP-C13245 Datasheet
120Kb / 3P
   Fused Coupler,Polarization Maintaining (PM)
FFP-C13250 JDSU-FFP-C13250 Datasheet
120Kb / 3P
   Fused Coupler,Polarization Maintaining (PM)
FFP-C15145 JDSU-FFP-C15145 Datasheet
120Kb / 3P
   Fused Coupler,Polarization Maintaining (PM)
More results

Similar Description - FFP-CM3150G0

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FFP-513145 JDSU-FFP-513145 Datasheet
120Kb / 3P
   Fused Coupler,Polarization Maintaining (PM)
logo
OPLINK Communications I...
MMFC OPLINK-MMFC Datasheet
212Kb / 2P
   Fused Fiber Coupler
logo
JDS Uniphase Corporatio...
FFC-A1H01B1 JDSU-FFC-A1H01B1 Datasheet
187Kb / 5P
   Fused Coupler,Two Window
FFS-733A3 JDSU-FFS-733A3 Datasheet
126Kb / 4P
   Fused Coupler, Near Infrared
FFS-R33A3 JDSU-FFS-R33A3 Datasheet
120Kb / 3P
   Fused Coupler, Visible Light
FFC-31H JDSU-FFC-31H Datasheet
172Kb / 4P
   Fused Coupler, Single Window
logo
Advanced Technical Mate...
42-26XA-Z ATM-42-26XA-Z Datasheet
79Kb / 1P
   OUTLINE, WR42 COUPLER (COMBINER-DIVIDER)
logo
OPLINK Communications I...
LPTC-S0093 OPLINK-LPTC-S0093 Datasheet
156Kb / 3P
   Ultra-Low PDL Fused Tap Coupler
LPTC3150P OPLINK-LPTC3150P Datasheet
166Kb / 3P
   Ultra-Low PDL Fused Tap Coupler
logo
JDS Uniphase Corporatio...
FFCR51H0 JDSU-FFCR51H0 Datasheet
212Kb / 3P
   Fused Coupler, Single Window, 980 nm
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com