Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A413RU Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # A413RU
Description  Single & Dual Output, 4W Ultra-Wide Input Range DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

A413RU Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  A413RU Datasheet HTML 1Page - MicroPower Direct, LLC A413RU Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MicroPower Direct
www.micropowerdirect.com
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Model Selection Guide
Mechanical Dimensions
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Notes:
1. When measuring output ripple, it is recommended that an external
0.47 μF ceramic capacitor be placed from the +Vout pin to the -Vout
pin for single output units and from each output to common for
dual output units. For noise sensitive applications, the use of 3.3
μF capacitors will reduce the output ripple.
2. Transient recovery is measured to within a 1% error band for a
load step change of 75% to 100%.
3. Operation at no-load will not damage these units. However, they
may not meet all specifications.
4. Dual output units may be connected to provide a 10 VDC,
24 VDC or 30 VDC output. To do this, connect the load across the
positive (+Vout) and negative (-Vout) outputs and float the output
common.
5. The converter should be connected to a low ac-impedance source.
An input source with a highly inductive impedance may affect
the stability of the converter. In applications where the converter
output loading is high and input power is supplied over long lines,
it may be necessary to use a capacitor on the input to insure start-
up.
In this case, it is recommended that a low ESR (ESR <1.0Ω at 100
kHz) capacitor be mounted close to the converter. For 24V input
units a 4.7 μF is recommended and for 48V units a 2.2 μF.
6. It is recommended that a fuse be used on the input of a power
supply for protection. See the table above for the correct rating.
Derating Curve
Model
Number
Input
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Reflected
Ripple
Current
(mA, Typ)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load
No-Load
A401RU
24
9.0 -36.0
161
20
5
3.3
900.0
90.0
77
1,000
A402RU
24
9.0 -36.0
170
20
5
5.0
660.0
66.0
81
1,000
A403RU
24
9.0 -36.0
201
20
5
12.0
333.0
33.0
83
1,000
A404RU
24
9.0 -36.0
201
20
5
15.0
267.0
27.0
83
1,000
A405RU
24
9.0 -36.0
156
20
5
±5.0
±300.0
±30.0
80
1,000
A406RU
24
9.0 -36.0
201
20
5
±12.0
±167.0
±17.0
83
1,000
A407RU
24
9.0 -36.0
201
20
5
±15.0
±133.0
±13.0
83
1,000
A411RU
48
18.0 - 75.0
79
10
5
3.3
900.0
90.0
78
500
A412RU
48
18.0 - 75.0
84
10
5
5.0
660.0
66.0
82
500
A413RU
48
18.0 - 75.0
98
10
5
12.0
333.0
33.0
85
500
A414RU
48
18.0 - 75.0
98
10
5
15.0
267.0
27.0
85
500
A415RU
48
18.0 - 75.0
76
10
5
±5.0
±300.0
±30.0
82
500
A416RU
48
18.0 - 75.0
98
10
5
±12.0
±167.0
±17.0
85
500
A417RU
48
18.0 - 75.0
98
10
5
±15.0
±133.0
±13.0
85
500
Pin
Single
Dual
2, 3
-Vin
-Vin
9
No Pin
Common
11
NC
-Vout
14
+Vout
+Vout
16
-Vout
Common
22, 23
+Vin
+Vin
NC: No Connection
Pin Connections
Single Output
μF Max
Dual Output
μF Max
3,000
±680
Capacitive Load


Similar Part No. - A413RU

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
A41323 PANDUIT-A41323 Datasheet
31Kb / 1P
   .230(6.3)DSCONNECT ADAPTER D-250A
A41343A PANDUIT-A41343A Datasheet
45Kb / 1P
   NYLON INSULATED WIRE JOINT JN418-212
More results

Similar Description - A413RU

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW2000 MINMAX-MIW2000 Datasheet
234Kb / 8P
   3-4W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A500RU MPD-A500RU Datasheet
175Kb / 2P
   Single & Dual Output, 5W Ultra-Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MKW2600 MINMAX-MKW2600 Datasheet
240Kb / 8P
   15W, Ultra-Wide Input Range, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A100ERU MPD-A100ERU Datasheet
211Kb / 2P
   Single & Dual Output, 1.5W Ultra-Wide Input Range DC/DC Converters
A300RU MPD-A300RU Datasheet
187Kb / 2P
   Single & Dual Output, 3W Ultra-Wide Input Range DC/DC Converters
A600ERU MPD-A600ERU Datasheet
193Kb / 2P
   Single & Dual Output, 6W Ultra-Wide Input Range DC/DC Converters
logo
Toppower Electronic Tec...
TP04DA TOPPOWER-TP04DA_19 Datasheet
290Kb / 5P
   4W Wide Range Input Voltage DC/DC Converters
TP04DA TOPPOWER-TP04DA Datasheet
196Kb / 4P
   4W Wide Range Input Voltage DC/DC Converters
logo
Total Power Internation...
MIW2100 TOTAL-POWER-MIW2100 Datasheet
222Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW2100 MINMAX-MIW2100 Datasheet
218Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com