Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A523RHI Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # A523RHI
Description  Very High Isolation, 5W Single & Dual Output DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

A523RHI Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  A523RHI Datasheet HTML 1Page - MicroPower Direct, LLC A523RHI Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model
Number
Input
Reflected
Ripple
Current
(mA, Typ)
Output
Efficiency
(%, Typ)
Fuse Rating
Slow-Blow
(mA)
Voltage (VDC)
Current (mA)
Voltage
(VDC)
Current
(mA, Max)
Current
(mA, Min)
Nominal
Range
Full-Load No-Load
A501RHI
12
9.0 - 18.0
570
30
60
5.0
1,000
200.0
75
1,200
A502RHI
12
9.0 - 18.0
641
30
60
12.0
500
100.0
78
1,200
A503RHI
12
9.0 - 18.0
641
30
60
±12.0
±250
±50.0
78
1,200
A504RHI
12
9.0 - 18.0
641
30
60
±15.0
±200
±40.0
78
1,200
A511RHI
24
18.0 - 36.0
278
20
30
5.0
1,000
200.0
77
600
A512RHI
24
18.0 - 36.0
313
20
30
12.0
500
100.0
80
600
A513RHI
24
18.0 - 36.0
313
20
30
±12.0
±250
±50.0
80
600
A514RHI
24
18.0 - 36.0
313
20
30
±15.0
±200
±40.0
80
600
A521RHI
48
36.0 - 75.0
139
10
15
5.0
1,000
200.0
77
300
A522RHI
48
36.0 - 75.0
156
10
15
12.0
500
100.0
80
300
A523RHI
48
36.0 - 75.0
156
10
15
±12.0
±250
±50.0
80
300
A524RHI
48
36.0 - 75.0
156
10
15
±15.0
±200
±40.0
80
300
Pin
Single
Dual
Pin
Single
Dual
1
+Vin
+Vin
15
No Pin
+Vout
11
No Pin
Common
23
-Vin
-Vin
12
-Vout
No Pin
24
-Vin
-Vin
13
+Vout
-Vout
Model Selection Guide
Mechanical Dimensions
Mechanical Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.01 (±0.25)
Notes:
1. When measuring output ripple, it is recommended that an external 0.47 µF ceramic capacitor be
placed from the +Vout pin to the -Vout pin for single output units and from each output to common
for dual output units. For noise sensitive applications, the use of 3.3 µF capacitors will reduce the
output ripple.
2. Transient recovery is measured to within a 1% error band for a load step change of 75% to 100%.
3. Dual output units may be connected to provide a 24 VDC or 30 VDC output. To do this, connect the
load across the positive (+Vout) and negative (-Vout) outputs and float the output common.
4. The converter should be connected to a low ac-impedance source. An input source with a highly
inductive impedance may affect the stability of the converter. In applications where the converter
output loading is high and input power is supplied over long lines, it may be necessary to use a
capacitor on the input to insure start-up.
In this case, it is recommended that a low ESR (ESR <1.0
at 100 kHz) capacitor be mounted close
to the converter. For 12V input units a 10.0 µF is recommended, for 24V a 4.7 µF and for 48V units
a 2.2 µF.
5. It is recommended that a fuse be used on the input of a power supply for protection. See the table
above for the correct rating.
Pin Connections
Capacitive Load - µF Max
5V Out
12V Out
±12 Out
±15 Out
1,000
470
±220
±220
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Derating Curve - 5V Output
Derating Curve - All Other Outputs


Similar Part No. - A523RHI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A523RW MPD-A523RW Datasheet
164Kb / 2P
   Wide Input Range, 5W Single & Dual Output DC/DC Converters
More results

Similar Description - A523RHI

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LF500RU MPD-LF500RU Datasheet
223Kb / 2P
   Very Wide Input, 5W SMT Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMXD1215UC MURATA-NMXD1215UC Datasheet
176Kb / 3P
   Isolated 5W Single & Dual Output DC/DC Converters
logo
SL Power Electronics
DC1-5_DD SLPOWER-DC1-5_DD Datasheet
351Kb / 3P
   5W SINGLE AND DUAL OUTPUT DC-DC CONVERTERS
logo
MicroPower Direct, LLC
I500ERW MPD-I500ERW Datasheet
178Kb / 2P
   Ultra-Miniature 5W Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMXD0515SOC MURATA-NMXD0515SOC Datasheet
179Kb / 3P
   Isolated 5W Regulated Single & Dual Output DC/DC Converters
logo
MPS Industries, Inc.
ADC200 MPSIND-ADC200 Datasheet
174Kb / 2P
   1W, High Isolation SIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MSAU300 MINMAX-MSAU300 Datasheet
202Kb / 5P
   1W, High Isolation SMD, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI100DI5.7 MPD-MHI100DI5.7 Datasheet
662Kb / 3P
   High Isolation, 1W SIP Single & Dual Output DC/DC Converters
MHI200DI5.7 MPD-MHI200DI5.7 Datasheet
645Kb / 3P
   High Isolation, 2W SIP Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MAU200 MINMAX-MAU200 Datasheet
217Kb / 6P
   1W, High Isolation SIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com