Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAT-0TMC210 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # MAT-0TMC210
Description  MEMS Variable Optical Attenuators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

MAT-0TMC210 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  MAT-0TMC210 Datasheet HTML 1Page - JDS Uniphase Corporation MAT-0TMC210 Datasheet HTML 2Page - JDS Uniphase Corporation MAT-0TMC210 Datasheet HTML 3Page - JDS Uniphase Corporation MAT-0TMC210 Datasheet HTML 4Page - JDS Uniphase Corporation MAT-0TMC210 Datasheet HTML 5Page - JDS Uniphase Corporation MAT-0TMC210 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
(Specifications in mm unless otherwise noted.)
Dimensions Diagram: Micro MATT
3
MEMS VARIABLE OPTICAL ATTENUATORS
Typical attenuation and PDL profiles
for the normally open VOA over -5 °C,
25 °C and 75 °C
0
5
10
15
20
25
30
0
20
40
60
80
100
120
140
Drive Power (mW)
0
0.05
0.1
0.15
0.2
Attenuation at 25°C
Attenuation at -5°C
Attenuation at 75°C
PDL at 25°C
PDL at -5°C
PDL at 75°C
0
10
20
30
40
50
60
0
0.5
1
1.5
2.5
3
3.5
4
0
0.1
0.4
0.5
Applied Voltage (V)
MATT K2-578 Attenuation and PDL Versus Voltage
2
0.2
0.3
0.6
Attenuation
PDL
Typical attenuation and PDL profiles
of the normally closed VOA


Similar Part No. - MAT-0TMC210

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT-04 AD-MAT-04 Datasheet
492Kb / 12P
   Matched Monolithic Quad Transistor
MAT-04A AD-MAT-04A Datasheet
492Kb / 12P
   Matched Monolithic Quad Transistor
MAT-04AY AD-MAT-04AY Datasheet
492Kb / 12P
   Matched Monolithic Quad Transistor
MAT-04B AD-MAT-04B Datasheet
492Kb / 12P
   Matched Monolithic Quad Transistor
MAT-04BY AD-MAT-04BY Datasheet
492Kb / 12P
   Matched Monolithic Quad Transistor
More results

Similar Description - MAT-0TMC210

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HRLA-C1ML-06-PJ HIROSE-HRLA-C1ML-06-PJ Datasheet
104Kb / 2P
   Optical Variable Attenuators
logo
OPLINK Communications I...
EVOA155000021H OPLINK-EVOA155000021H Datasheet
249Kb / 2P
   Electronically Variable Optical Attenuators
UVOA OPLINK-UVOA Datasheet
126Kb / 2P
   MEMS Variable Optical Attenuator
UVOA-S0175 OPLINK-UVOA-S0175 Datasheet
126Kb / 2P
   MEMS Variable Optical Attenuator
logo
JDS Uniphase Corporatio...
ESVOA-OC620 JDSU-ESVOA-OC620 Datasheet
165Kb / 3P
   Electrostatic MEMS Variable Optical Attenuator
logo
MRV Communications, Inc...
EM2009-VOA4 MRV-EM2009-VOA4 Datasheet
1Mb / 2P
   LambdaDriver짰 - Variable Optical Attenuators (VOA) Module
logo
Merrimac Industries, In...
ARC-1 MERRIMAC-ARC-1 Datasheet
247Kb / 2P
   VARIABLE ATTENUATORS, MANUAL
logo
BOWEI Integrated Circui...
HE411B BOWEI-HE411B Datasheet
68Kb / 1P
   Voltage Variable Attenuators
HE891A BOWEI-HE891A Datasheet
86Kb / 1P
   Voltage Variable Attenuators
HE893 BOWEI-HE893 Datasheet
78Kb / 1P
   Voltage Variable Attenuators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com