Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54HC112W Datasheet(PDF) 4 Page - Texas Instruments

Part # SN54HC112W
Description  DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC112W Datasheet(HTML) 4 Page - Texas Instruments

  SN54HC112W Datasheet HTML 1Page - Texas Instruments SN54HC112W Datasheet HTML 2Page - Texas Instruments SN54HC112W Datasheet HTML 3Page - Texas Instruments SN54HC112W Datasheet HTML 4Page - Texas Instruments SN54HC112W Datasheet HTML 5Page - Texas Instruments SN54HC112W Datasheet HTML 6Page - Texas Instruments SN54HC112W Datasheet HTML 7Page - Texas Instruments SN54HC112W Datasheet HTML 8Page - Texas Instruments SN54HC112W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SN54HC112, SN74HC112
DUAL JK NEGATIVEEDGETRIGGERED FLIPFLOPS
WITH CLEAR AND PRESET
SCLS099F − DECEMBER 1982 − REVISED SEPTEMBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54HC112
SN74HC112
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
1.9
1.998
1.9
1.9
IOH = −20 µA
4.5 V
4.4
4.499
4.4
4.4
VOH
VI = VIH or VIL
IOH = −20 µA
6 V
5.9
5.999
5.9
5.9
V
VOH
VI = VIH or VIL
IOH = −4 mA
4.5 V
3.98
4.3
3.7
3.84
V
IOH = −5.2 mA
6 V
5.48
5.8
5.2
5.34
2 V
0.002
0.1
0.1
0.1
IOL = 20 µA
4.5 V
0.001
0.1
0.1
0.1
VOL
VI = VIH or VIL
IOL = 20 µA
6 V
0.001
0.1
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 4 mA
4.5 V
0.17
0.26
0.4
0.33
V
IOL = 5.2 mA
6 V
0.15
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
nA
ICC
VI = VCC or 0,
IO = 0
6 V
4
80
40
µA
Ci
2 V to 6 V
3
10
10
10
pF
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
SN54HC112
SN74HC112
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
5
3.4
4
fclock
Clock frequency
4.5 V
25
17
20
MHz
fclock
Clock frequency
6 V
29
20
24
MHz
2 V
100
150
125
PRE or CLR low
4.5 V
20
30
25
tw
Pulse duration
PRE or CLR low
6 V
17
25
21
ns
tw
Pulse duration
2 V
100
150
125
ns
CLK high or low
4.5 V
20
30
25
CLK high or low
6 V
17
25
21
2 V
100
150
125
Data (J, K)
4.5 V
20
30
25
tsu
Setup time before CLK
Data (J, K)
6 V
17
25
21
ns
tsu
Setup time before CLK
2 V
100
150
125
ns
PRE or CLR inactive
4.5 V
20
30
25
PRE or CLR inactive
6 V
17
25
21
2 V
0
0
0
th
Hold time, data after CLK
4.5 V
0
0
0
ns
th
Hold time, data after CLK
6 V
0
0
0
ns


Similar Part No. - SN54HC112W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC112 TI1-SN54HC112 Datasheet
610Kb / 18P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC112J TI-SN54HC112J Datasheet
430Kb / 13P
[Old version datasheet]   DUAL J-NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC112J TI1-SN54HC112J Datasheet
610Kb / 18P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC112 TI1-SN54HC112_14 Datasheet
610Kb / 18P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
More results

Similar Description - SN54HC112W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC11112 TI-54AC11112 Datasheet
94Kb / 7P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54LS112A TI-SN54LS112A Datasheet
300Kb / 9P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
CD54ACT112 TI-CD54ACT112_08 Datasheet
546Kb / 13P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Renesas Technology Corp
HD74LS112 RENESAS-HD74LS112 Datasheet
291Kb / 11P
   Dual J-K Negative-edge-triggered Flip-Flops (with Preset and Clear)
Jul.13.2005
logo
Texas Instruments
SN54ALS112A TI-SN54ALS112A Datasheet
96Kb / 6P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Hitachi Semiconductor
HD74LS112 HITACHI-HD74LS112 Datasheet
76Kb / 7P
   Dual J-K Negative-edge-triggered Flip-Flops(with Preset and Clear)
logo
Texas Instruments
SN54HC112 TI1-SN54HC112_14 Datasheet
610Kb / 18P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD54AC112 TI-CD54AC112_06 Datasheet
336Kb / 11P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD54AC112 TI-CD54AC112 Datasheet
331Kb / 6P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54ALS112A TI1-SN54ALS112A_15 Datasheet
1Mb / 17P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com