Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QG302B Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # QG302B
Description  VOLTAGE 50V ~ 1000V 3.0Amp Surface Mount Silicon Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

QG302B Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  QG302B Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH QG302B Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
QG301B THRU QG307B
VOLTAGE 50V ~ 1000V
3.0Amp Surface Mount Silicon Rectifiers
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at Ta=75 C
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at
3.0 A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note 1)
50
100
200
400
600
800
1000
V
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
3
80
5.0
100
40
-65
+175
V
A
A
V
µA
µA
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance from Junction to
Lead mounted on P.C.B. with 8.0 x 8.0mm copper pad areas.
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* High surge current capability
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Terminals: Solder plated, solderable per MIL-STD-202F,
method 208 guaranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
Weight: 0.
102 gram
1.
20
Typical Thermal Resistance R
ΘJL (Note 2)
16
*
Operating and Storage Temperature Range TJ, TSTG
C
C/W
QG301B QG302B QG303B QG304B QG305B QG306B QG307B UNITS
Dimensions in inches and (millimeters)
http://www.SeCoSGmbH.com
Elektronische Bauelemente
.220(5.59)
.200(5.08)
.185(4.70)
.160(4.06)
.012(0.31)
.006(0.15)
.083(2.11)
.075(1.91)
.096(2.44)
.083(2.13)
.050(1.27)
.030(0.76)
.155(3.94)
.130(3.30)
.008
(.203)
MAX.
DO-214AA(SMB)
01-Jun-2002 Rev. A
Page 1 of 2
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - QG302B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
QG302B-C SECOS-QG302B-C Datasheet
167Kb / 2P
   Surface Mount Silicon General Purpose Rectifiers
More results

Similar Description - QG302B

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
QG301C SECOS-QG301C Datasheet
137Kb / 2P
   VOLTAGE 50V ~ 1000V 3.0AMP Surface Mount Silicon Rectifiers
SMF301C SECOS-SMF301C Datasheet
190Kb / 2P
   VOLTAGE 50V ~1000V 3.0AMP Surface Mount Fast Reovery Rectifiers
logo
First Silicon Co., Ltd
GN3A FS-GN3A Datasheet
150Kb / 3P
   REVERSE VOLTGE 50V~1000V FORWARD CURRENT 3.0AMP Surface Mount Rectifiers
logo
SeCoS Halbleitertechnol...
QG201A SECOS-QG201A Datasheet
188Kb / 2P
   VOLTAGE 50V ~ 1000V 2.0AMP Surface Mount Silicon Rectifiers
QG5391A SECOS-QG5391A Datasheet
177Kb / 2P
   VOLTAGE 50V ~ 1000V 1.5AMP Surface Mount Silicon Rectifiers
QG201B SECOS-QG201B Datasheet
137Kb / 2P
   VOLTAGE 50V ~ 1000V 2.0Amp Surface Mount Silicon Rectifiers
GBP3005 SECOS-GBP3005 Datasheet
226Kb / 2P
   Voltage 50V ~ 1000V 3.0Amp Glass Passivated Bridge Rectifiers
KBP3005G SECOS-KBP3005G Datasheet
730Kb / 2P
   Voltage 50V ~ 1000V 3.0Amp Glass Passivited Bridge Rectifiers
D3UB05 SECOS-D3UB05 Datasheet
194Kb / 2P
   Voltage 50V ~ 1000V 3.0Amp Glass Passivated Bridge Rectifiers
QG301YAM SECOS-QG301YAM Datasheet
270Kb / 2P
   3.0Amp Surface Mount Silicon Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com