Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFP-SF5250 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # FFP-SF5250
Description  Fused Coupler,Polarization Maintaining (PM)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FFP-SF5250 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  FFP-SF5250 Datasheet HTML 1Page - JDS Uniphase Corporation FFP-SF5250 Datasheet HTML 2Page - JDS Uniphase Corporation FFP-SF5250 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
FUSED COUPLER, PM TAP
Configuration
1x2
2x2
P4 (Blue)
P1 (Red) COMMON (Input)
P3 (Red) TAP (Output)
P2 (Blue) SIGNAL (Output)
P1 (Red) COMMON (Input)
P3 (Red) TAP (Output)
P2 (Blue) SIGNAL (Output)
Specifications1
Parameter
980 nm
1064 nm
1310 nm
14xx nm
15xx nm
16xx nm
Center wavelength range
980 nm
1064 nm
1310 nm
14xx nm
15xx nm
16xx nm
Available wavelength2
980 nm
1064 nm
1310 nm
1425 to 1499 nm 1500 to 1599 nm 1600 to 1650 nm
Extinction ratio3 (coupling ratio = 1/99, coupling ratio tolerance = ±0.5%)
Grade A
20 dB
20 dB
20 dB
20 dB
20 dB
20 dB
Grade B
17 dB
17 dB
17 dB
17 dB
17 dB
17 dB
Extinction ratio3 (coupling ratio = 5/95, coupling ratio tolerance = ±1.5%)
Grade A
20 dB
20 dB
20 dB
20 dB
20 dB
20 dB
Grade B
17 dB
17 dB
17 dB
17 dB
17 dB
17 dB
Extinction ratio3 (coupling ratio = 10/90, coupling ratio tolerance = ±3.0%)
Grade A
20 dB
20 dB
20 dB
20 dB
20 dB
20 dB
Grade B
17 dB
17 dB
17 dB
17 dB
17 dB
17 dB
Extinction ratio3 (coupling ratio = 33/67, coupling ratio tolerance = ±4.0%)
Grade A
17 dB
17 dB
20 dB
20 dB
20 dB
20 dB
Grade B
15 dB
15 dB
17 dB
17 dB
17 dB
17 dB
Extinction ratio4 (coupling ratio = 50/50, coupling ratio tolerance = ±5.0%)
Grade A
17 dB
17 dB
20 dB
20 dB
20 dB
20 dB
Grade B
15 dB
15 dB
17 dB
17 dB
17 dB
17 dB
Excess loss
Grade A
0.3 dB
Grade B
0.5 dB
Return loss/Directivity
50 dB
Pigtail tensile load
5 N
Operating temperature
-5 to 75 °C
Storage temperature
-40 to 85 °C
Fiber type
Polarization maintaining fiber (industry-standard profile)
1. All specifications are for operation at room temperature.
2. The center wavelength may be selected from within the available wavelength ranges supplied.
3. Defined for signal path P1-P2.
4. Defined for both signal path P1-P2 and tap path P1-P3.


Similar Part No. - FFP-SF5250

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FFP-SM3145E0 JDSU-FFP-SM3145E0 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
FFP-SM3145E1 JDSU-FFP-SM3145E1 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
FFP-SM3145F0 JDSU-FFP-SM3145F0 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
FFP-SM3145F1 JDSU-FFP-SM3145F1 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
FFP-SM3145G0 JDSU-FFP-SM3145G0 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
More results

Similar Description - FFP-SF5250

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
86265 MOLEX-86265 Datasheet
144Kb / 2P
   PM (Polarization Maintaining) Fiber Assemblies
logo
OPLINK Communications I...
PMTC-S0068 OPLINK-PMTC-S0068 Datasheet
312Kb / 2P
   Polarization Maintaining Tap Coupler
PMTC1450U011 OPLINK-PMTC1450U011 Datasheet
299Kb / 2P
   Polarization Maintaining Tap Coupler
PMTC OPLINK-PMTC Datasheet
312Kb / 2P
   Polarization Maintaining Tap Coupler
logo
JDS Uniphase Corporatio...
FFP-5M3145E0 JDSU-FFP-5M3145E0 Datasheet
109Kb / 3P
   Fused Coupler, PM Combiner
logo
OPLINK Communications I...
PMOC13100031 OPLINK-PMOC13100031 Datasheet
291Kb / 2P
   Polarization Maintaining Optical Circulators
PMOC-S0067 OPLINK-PMOC-S0067 Datasheet
154Kb / 2P
   Polarization Maintaining Optical Circulators
PMBC OPLINK-PMBC Datasheet
316Kb / 2P
   Polarization Maintaining Beam Combiner
logo
Lightel Technologies IN...
PMPC-0980-1-B-1 LIGHTEL-PMPC-0980-1-B-1 Datasheet
88Kb / 1P
   Polarization Maintaining Patch Cord
logo
OPLINK Communications I...
PBOC OPLINK-PBOC Datasheet
267Kb / 2P
   Polarization Maintaining Beam Splitter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com