Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TS-10 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

Part No. TS-10
Description  TestPoint with Fibre Channel
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JDSU [JDS Uniphase Corporation]
Homepage  http://www.jdsu.com/index.html
Logo 

TS-10 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  TS-10 Datasheet HTML 2Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 2 page
background image
NORTH AMERICA
TEL: +1 866 228 3762
FAX: +1 301 353 9216
LATIN AMERICA
TEL: +1 954 688-5660
FAX: +1 954 3454668
ASIA PACIFIC
TEL: +852 2892 0990
FAX: +852 2892 0770
EMEA
TEL: +49 7121 86 2222
FAX: +49 7121 86 1222
www.jdsu.com/test
30149267 001 0209 TPFC.SS.TNT.TM.AE
TestPointwith
FibreChannel
ACompletefeaturesetforFibreChannelTransport
KeyTestPointFibreChannelfeaturesinclude:
Traffic Generation
At FC-1 or FC-2 (header, CRC) level; Class 3
Frame Payload
PRBS31; PRBS23; PRBS15 (10Gbps only); User 16-byte Sequence
Frame Size
12 (when running at FC-1) to 4104 Bytes
Flow Control
Buffer-to-Buffer Credit range 1 to 4095 (can be enabled/disabled)
Performance Measurements
Latency; Packet Jitter; Sequencing (loss, out-of-sequence, duplicate)
RFC 2544
Throughput; Latency; Frame Loss Rate; Back-to-Back Frames
Captures andTriggers
8B/10B for 1G/2G/4G/8GFC; 64B/66B for 10GFC
Link Initialization
Reporting of Active State or error condition
PCS Injections & Reporting
8B/10B for 1G/2G/4G/8GFC; 64B/66B for 10GFC
Test Patterns
CJTPAT, CRPAT, CJPAT for 1G/2G/4GFC, JSPAT for 8GFC
IEEE 802.3Test Patterns
Pseudo-Random, SquareWave, PRBS31 for 10GFC
Clock RateVariations
+/-110 ppm
AutomatedTest Reports
Statistics & Errors (testreport.txt); Event Log (log.csv); RFC 2544
Onthe10Gbpsmodule,TestPointsupportsanRFC2544testsuiteacrosstwoportswithinthesame
TS-30/170chassiswhenequippedwithaGroupControllermodule.
Anintegratedsolution
TheTestPointsolutionnotonlyintegratesmultipleFibreChannelratesbutalsoprovidessupportfor
EthernetandSONET/SDH/OTN.HereisabreakdownforhardwaresupportingFibreChannel:
10Gbps
8GFC, 10GFC; 11.270G; 10GigE LAN; 10GigEWAN/SONET/SDH (STS-192c/VC-4-64c); OTU2; ODU2;
11.049G; 11.095G
1GbpsV2
1GFC; 2GFC; 4GFC; 1000BASE-X; 100BASE-FX; 10/100/1000BASE-T
Multi-rate
1GFC; 2GFC; OC-3/STM-1 ; OC-12/STM-4 ; OC-48/STM-16; OTU1; ODU1; 1000BASE-X;
100BASE-FX; 10/100/1000BASE-T
Additionalsoftwarefeaturesareavailable,includingGFPonthe10Gbpsmodule.
TestPointisavailableinthreechassisformats:thecompactTS-10,3-slotTS-30,and17-slotTS-170.
FibreChannelSpecificOrderingInformation
Modules (TS-30/170)
TS-10
N530-0163 10 Gbps module –XFPVersion
N550-0228TS-10 10Gbps Configuration (XFP)
OPT 0160-05 10GFC
OPT 0221-05 10GFC
OPT 0163-41 8GFC for 10 Gbps module
OPT 0228-41 8GFC for 10 Gbps module
OPT 0160-03 G.709 DigitalWrapper and FEC
OPT 0221-03 G.709 DigitalWrapper and FEC
OPT 0160-06 11.270G Extended Rate (req. 0160-03)
OPT 0221-06 11.270G Extended Rate (req. 0221-03)
OPT 0160-08 11.317G Extended Rate (req. 0160-03)
OPT 0221-08 11.317G Extended Rate (req. 0160-03)
N530-0134 1GbpsV2 Module
N550-0224 1GbpsV2 Configuration
OPT 0134-11 Dual 1G/2GFC
OPT 0224-11 Dual 1G/2GFC
OPT 0134-33 Dual 4GFC
OPT 0224-33 Dual 4GFC


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn