Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

TS-10 Datasheet(PDF) 1 Page - JDS Uniphase Corporation

Part No. TS-10
Description  TestPoint with Fibre Channel
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

TS-10 Datasheet(HTML) 1 Page - JDS Uniphase Corporation

  TS-10 Datasheet HTML 1Page - JDS Uniphase Corporation TS-10 Datasheet HTML 2Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
COMMUNICATIONS TEST & MEASUREMENT SOLUTIONS
TS-101GbpsV2
TS-1010Gbps
1GbpsV2module
10Gbpsmodule
www.jdsu.com/test
TestPoint with
Fibre Channel
The TestPoint
integrated solution:
Fibre Channel,
Ethernet,
SONET/SDH/OTN
TheJDSUTestPointFibreChannelofferingprovidesacomprehensiveFibreChanneltestsolution
for transport applications in verification labs, production and service provider environments
(labandfield).TestPointprovidestrafficgeneration,analysis,andimpairmenttestingatmultiple
linerates.
Evolution
TestPoint currently supports 1G/2G/4GFC on the 1Gbps V2 module, 8GFC/10GFC/11.270G
/11.317G (OTN with 10GFC client) on the 10 Gbps module, and 1G/2GFC on the multi-rate
module. Stressed Receiver Sensitivity testing per IEEE 802.3 is also available for 10GFC (and
10GigE)module.
Features
Fibre Channel features cover-
ing 1G/2G/4G/8G/10GFC and
11.270G/11.317G (OTN for 10GFC)
Built-in RFC 2544 test support
Buffer-to-buffer credit settings be-
tween 1 and 4095 (implicit login)
including R_RDY support
PRBS testing at FC-1 and FC-2
level
Capture features: 8B/10B for
1G/2G/4G/8GFC; 64B/66B for
10GFC
Stressed Receiver Sensitivity (SRS),
also called stressed eye, feature for
10GFC (and 10GigE)
User-friendly GUI and simple au-
tomation
Note: TestPoint hardware is available in modules (TS-30/170) or
configurations(TS-10).Thetermmoduleisusedinthetext.


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HS-0546RH_06 Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexers with Active Overvoltage Protection 1  2  3  4  5  More Intersil Corporation
PI2EQX3202 3.2Gbps 4 Differential Channel Serial Re-driver with Built-in Equalization & De-emphasis 1  2  3  4  5  More Pericom Semiconductor Corporation
VN5050AJ-E_08 Single channel high side driver with analog current sense for automotive applications 1  2  3  4  5  More STMicroelectronics
HFBR-5921L Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Factor Pin Through Hole PTH Low Voltage 3.3 V Optical Transceiver 1  2  3  4  5  More AVAGO TECHNOLOGIES LIMITED
SFPFC4DW08 4.25 Gbps Fibre Channel DWDM SFP Transceiver 1  2  3  4  5  MRV Communications, Inc.
VSC7121 Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays 1  2  3  4  5  More Vitesse Semiconductor Corporation
CRD4202-2 AC 97 Six Channel CNR Audio Reference Design with PLL 1  2  3  4  5  More Cirrus Logic
ZL50073_06 32 K Channel Digital Switch with High Jitter Tolerance Rate Conversion per Group of 4 Streams 8 16 32 or 64 Mbps and 128 Inputs and 128 Outputs 1  2  3  4  5  More Zarlink Semiconductor Inc
SN74HC4852_07 DUAL 4-TO-1 CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER WITH INJECTION-CURRENT EFFECT CONTROL 1  2  3  4  5  More Texas Instruments
ISL59123 Triple Channel Video Driver with LPF 1  2  3  4  5  More Intersil Corporation

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn