Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCB01NC1 Datasheet(PDF) 4 Page - JDS Uniphase Corporation

Part # VCB01NC1
Description  Voltage-Controlled Optical Attenuators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

VCB01NC1 Datasheet(HTML) 4 Page - JDS Uniphase Corporation

  VCB01NC1 Datasheet HTML 1Page - JDS Uniphase Corporation VCB01NC1 Datasheet HTML 2Page - JDS Uniphase Corporation VCB01NC1 Datasheet HTML 3Page - JDS Uniphase Corporation VCB01NC1 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
SMF-28 is a registered trademark of Corning Incorporated.
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, including
withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2007 JDS Uniphase
Corporation. All rights reserved. 10143041 Rev. 001 10/05 VCB.DS.CC.AE
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
Sample: VCB0+1NC1.0NC1.0NC
VOLTAGE-CONTROLLED OPTICAL ATTENUATORS
VCB
Code
Tap
0
Without taps
1
With input tap only
Code
Length 1
1.0
1.0 m
2.0
2.0 m
Code
Connector Type 1
NC
No connector
FP
FC/HPC
FA
FC/APC
SC
SC/HPC
SU
SC/APC
SP
ST/HPC
Code
Length 2
1.0
1.0 m
2.0
2.0 m
+1NC
.
.
Code
Connector Type 2
NC
No connector
FP
FC/HPC
FA
FC/APC
SC
SC/HPC
SU
SC/APC
SP
ST/HPC
Reviewed February 2007


Similar Part No. - VCB01NC1

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCB-2A0A-25M00 VECTRON-VCB-2A0A-25M00 Datasheet
123Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
VCB-2A0B-25M00 VECTRON-VCB-2A0B-25M00 Datasheet
123Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
VCB-2A0C-25M00 VECTRON-VCB-2A0C-25M00 Datasheet
123Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
VCB-2A0D-25M00 VECTRON-VCB-2A0D-25M00 Datasheet
123Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
VCB-2A0E-25M00 VECTRON-VCB-2A0E-25M00 Datasheet
123Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
More results

Similar Description - VCB01NC1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HRLA-C1ML-06-PJ HIROSE-HRLA-C1ML-06-PJ Datasheet
104Kb / 2P
   Optical Variable Attenuators
logo
OPLINK Communications I...
EVOA155000021H OPLINK-EVOA155000021H Datasheet
249Kb / 2P
   Electronically Variable Optical Attenuators
logo
JDS Uniphase Corporatio...
MAT-0TDC210 JDSU-MAT-0TDC210 Datasheet
273Kb / 6P
   MEMS Variable Optical Attenuators
VCF0503CANCC1 JDSU-VCF0503CANCC1 Datasheet
200Kb / 4P
   Voltage-Controlled Optical Filters
logo
Hirose Electric
HSC-AT11CS-A01 HIROSE-HSC-AT11CS-A01 Datasheet
163Kb / 2P
   SC-Type Optical Fixed Attenuators
HMU-PAT-FH-K100 HIROSE-HMU-PAT-FH-K100 Datasheet
195Kb / 4P
   MU Type Optical In-Line Attenuators
logo
MRV Communications, Inc...
EM2009-VOA4 MRV-EM2009-VOA4 Datasheet
1Mb / 2P
   LambdaDriver짰 - Variable Optical Attenuators (VOA) Module
logo
Hirose Electric
HMU-PJAT1K-A00R1 HIROSE-HMU-PJAT1K-A00R1 Datasheet
113Kb / 3P
   MU-PJ Type Optical Fixed Attenuators
logo
BOWEI Integrated Circui...
HE411B BOWEI-HE411B Datasheet
68Kb / 1P
   Voltage Variable Attenuators
HE891A BOWEI-HE891A Datasheet
86Kb / 1P
   Voltage Variable Attenuators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com