Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCB11NC2 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # VCB11NC2
Description  Voltage-Controlled Optical Attenuators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

VCB11NC2 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  VCB11NC2 Datasheet HTML 1Page - JDS Uniphase Corporation VCB11NC2 Datasheet HTML 2Page - JDS Uniphase Corporation VCB11NC2 Datasheet HTML 3Page - JDS Uniphase Corporation VCB11NC2 Datasheet HTML 4Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
VOLTAGE-CONTROLLED OPTICAL ATTENUATORS
Specifications
Parameter
Specification
Optimized wavelength range
1525 to 1575 nm (L-band version available)
Attenuation range
>30 dB
Attenuation resolution
≤0.1 dB
Minimum insertion loss1
Straight-through channel2
≤0.6 dB
With input monitoring tap detector
≤1.2 dB
Attenuation temperature dependence3
≤0.15 dB
Attenuation wavelength dependence
Flatness
Greater of 0.1 or 0.05 plus 1% of attenuation
Ripple2
≤0.6 dB
Polarization dependent loss1,4
<0.2 dB
Polarization mode dispersion
≤0.10 ps
Return loss1
>50 dB
Response speed5
≤100 ms
Attenuation setting repeatability
≤0.1 dB
Attenuation setting backlash
≤0.2 dB
Fiber type
SMF-28 with 900 µm buffered jacket
Maximum optical power
50 mW
Dimensions (W x H x D)6
25 x 12 x 50 mm
Operating temperature
-5 to 70 °C
Storage temperature
-40 to 85 °C
1. Excluding connectors.
2. Tapless model.
3. Relative to 23 °C.
4. For attenuation up to 15 dB over the optimized wavelength range.
5. Considering 3 dB attenuation change.
6. Excluding strain relief and connector pins.


Similar Part No. - VCB11NC2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCB1 ETC-VCB1 Datasheet
157Kb / 2P
   3.0 or 5.0 Vdc Option Low Cost 1 to 160 MHz Enable Disable Option TTL/CMOS Compatible
logo
GREEGOO Electric Co.,Lt...
VCB1-24 GREEGOO-VCB1-24 Datasheet
1Mb / 16P
   Indoor Vacuum Circuit Breaker
logo
Vectron International, ...
VCB1-A0A-25M00 VECTRON-VCB1-A0A-25M00 Datasheet
538Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
VCB1-A0B-25M00 VECTRON-VCB1-A0B-25M00 Datasheet
538Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
VCB1-A0C-25M00 VECTRON-VCB1-A0C-25M00 Datasheet
538Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
More results

Similar Description - VCB11NC2

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HRLA-C1ML-06-PJ HIROSE-HRLA-C1ML-06-PJ Datasheet
104Kb / 2P
   Optical Variable Attenuators
logo
OPLINK Communications I...
EVOA155000021H OPLINK-EVOA155000021H Datasheet
249Kb / 2P
   Electronically Variable Optical Attenuators
logo
JDS Uniphase Corporatio...
MAT-0TDC210 JDSU-MAT-0TDC210 Datasheet
273Kb / 6P
   MEMS Variable Optical Attenuators
VCF0503CANCC1 JDSU-VCF0503CANCC1 Datasheet
200Kb / 4P
   Voltage-Controlled Optical Filters
logo
Hirose Electric
HSC-AT11CS-A01 HIROSE-HSC-AT11CS-A01 Datasheet
163Kb / 2P
   SC-Type Optical Fixed Attenuators
HMU-PAT-FH-K100 HIROSE-HMU-PAT-FH-K100 Datasheet
195Kb / 4P
   MU Type Optical In-Line Attenuators
logo
MRV Communications, Inc...
EM2009-VOA4 MRV-EM2009-VOA4 Datasheet
1Mb / 2P
   LambdaDriver짰 - Variable Optical Attenuators (VOA) Module
logo
Hirose Electric
HMU-PJAT1K-A00R1 HIROSE-HMU-PJAT1K-A00R1 Datasheet
113Kb / 3P
   MU-PJ Type Optical Fixed Attenuators
logo
BOWEI Integrated Circui...
HE411B BOWEI-HE411B Datasheet
68Kb / 1P
   Voltage Variable Attenuators
HE891A BOWEI-HE891A Datasheet
86Kb / 1P
   Voltage Variable Attenuators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com