Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U08A15 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # U08A15
Description  POWER RECTIFIERS(8A,50-200V)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

U08A15 Datasheet(HTML) 1 Page - Mospec Semiconductor

  U08A15 Datasheet HTML 1Page - Mospec Semiconductor U08A15 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - U08A15

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
U08A15PT CHENMKO-U08A15PT Datasheet
74Kb / 2P
   ULTRA FAST RECTIFIER
More results

Similar Description - U08A15

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
H08A05 MOSPEC-H08A05 Datasheet
138Kb / 2P
   POWER RECTIFIERS(8A,50-200V)
U12C05 MOSPEC-U12C05 Datasheet
135Kb / 2P
   POWER RECTIFIERS(12A,50-200V)
U20C05 MOSPEC-U20C05 Datasheet
138Kb / 2P
   POWER RECTIFIERS(20A,50-200V)
U20D05 MOSPEC-U20D05 Datasheet
141Kb / 2P
   POWER RECTIFIERS(20A,50-200V)
U30D05 MOSPEC-U30D05 Datasheet
138Kb / 2P
   POWER RECTIFIERS(30A,50-200V)
F16C05 MOSPEC-F16C05 Datasheet
135Kb / 2P
   POWER RECTIFIERS(16A,50-200V)
F30D05 MOSPEC-F30D05 Datasheet
137Kb / 2P
   POWER RECTIFIERS(30A,50-200V)
F12C05 MOSPEC-F12C05 Datasheet
136Kb / 2P
   POWER RECTIFIERS(12A,50-200V)
U06C05 MOSPEC-U06C05 Datasheet
134Kb / 2P
   POWER RECTIFIERS(6.0A,50-200V)
U60D05 MOSPEC-U60D05 Datasheet
138Kb / 2P
   POWER RECTIFIERS(60A,50-200V)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com