Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWM-4M33SLGB4 Datasheet(PDF) 3 Page - JDS Uniphase Corporation

Part # FWM-4M33SLGB4
Description  Band Multi-Channel Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FWM-4M33SLGB4 Datasheet(HTML) 3 Page - JDS Uniphase Corporation

  FWM-4M33SLGB4 Datasheet HTML 1Page - JDS Uniphase Corporation FWM-4M33SLGB4 Datasheet HTML 2Page - JDS Uniphase Corporation FWM-4M33SLGB4 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NORTH AMERICA
: 800 498-JDSU (5378)
WEBSITE
: www.jdsu.com
WORLDWIDE
: +800 5378-JDSU
Telcordia is a registered trademark of Telcordia Technologies Incorporated.
All statements, technical information and recommendations related to the products herein are based upon information believed to be
reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any
inaccuracies. The user assumes all risks and liability whatsoever in connection with the use of a product or its application. JDSU reserves
the right to change at any time without notice the design, specifications, function, fit or form of its products described herein, includ-
ing withdrawal at any time of a product offered for sale herein. JDSU makes no representations that the products
herein are free from any intellectual property claims of others. Please contact JDSU for more information. JDSU and the JDSU logo are
trademarks of JDS Uniphase Corporation. Other trademarks are the property of their respective holders. ©2007 JDS Uniphase
Corporation. All rights reserved. 10143029 Rev. 001 10/05 WDMFILTERBAND.DS.CMS.AE
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
Sample: FWM-4E33SLGB2
Code
Cassette
CS
CS cassette
LG
LGX cassette
Code
Device
D
4 Channel Demux
M
4 Channel Mux
E
4 Channel East
W
4 Channel West
FWM-4
BAND MULTI-CHANNEL MODULES
Code
Bulkhead Connector1
2FC/SPC
4
SC/SPC
8ST/SPC
33S
B
1. Other connectors available upon request.
February 2007


Similar Part No. - FWM-4M33SLGB4

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FWM-T40D1F09 JDSU-FWM-T40D1F09 Datasheet
126Kb / 3P
   Multi-Channel CWDM Mux/Demux 20 nm Spacing
FWM-T40D1F16 JDSU-FWM-T40D1F16 Datasheet
126Kb / 3P
   Multi-Channel CWDM Mux/Demux 20 nm Spacing
FWM-T40D1F20 JDSU-FWM-T40D1F20 Datasheet
126Kb / 3P
   Multi-Channel CWDM Mux/Demux 20 nm Spacing
FWM-T40D1F30 JDSU-FWM-T40D1F30 Datasheet
126Kb / 3P
   Multi-Channel CWDM Mux/Demux 20 nm Spacing
FWM-T40D1LGX JDSU-FWM-T40D1LGX Datasheet
126Kb / 3P
   Multi-Channel CWDM Mux/Demux 20 nm Spacing
More results

Similar Description - FWM-4M33SLGB4

ManufacturerPart #DatasheetDescription
logo
Radiometrix Ltd
RX2M-458-5 RADIOMETRIX-RX2M-458-5 Datasheet
380Kb / 11P
   UHF Narrow Band FM multi channel radio modules
logo
u-blox AG
SARA-N3 U-BLOX-SARA-N3 Datasheet
212Kb / 2P
   Multi-band NB-IoT modules
logo
Radiometrix Ltd
LMT0 RADIOMETRIX-LMT0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
LMR0 RADIOMETRIX-LMR0 Datasheet
105Kb / 10P
   27MHz HF Narrow Band FM multi channel radio modules
logo
List of Unclassifed Man...
LMT2 ETC2-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
logo
Radiometrix Ltd
TLC2H-433-5 RADIOMETRIX-TLC2H-433-5 Datasheet
288Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT2 RADIOMETRIX-LMT2 Datasheet
254Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
TLC2 RADIOMETRIX-TLC2 Datasheet
555Kb / 11P
   UHF Narrow Band FM Low Cost multi channel radio modules
LMT1 RADIOMETRIX-LMT1_14 Datasheet
426Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
LMT1 RADIOMETRIX-LMT1 Datasheet
235Kb / 10P
   VHF Narrow Band FM Low Cost multi channel radio modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com