Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWS-F00110004 Datasheet(PDF) 2 Page - JDS Uniphase Corporation

Part # FWS-F00110004
Description  1550/1590 nm Filter Wavelength Division Multiplexers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JDSU [JDS Uniphase Corporation]
Direct Link  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

FWS-F00110004 Datasheet(HTML) 2 Page - JDS Uniphase Corporation

  FWS-F00110004 Datasheet HTML 1Page - JDS Uniphase Corporation FWS-F00110004 Datasheet HTML 2Page - JDS Uniphase Corporation FWS-F00110004 Datasheet HTML 3Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
1550/1590 NM FILTER WAVELENGTH DIVISION MULTIPLEXERS
Specifications
Parameter
Pass 1550/Reflect 1590
Pass1590/Reflect 1550
Pass port (C
↔P) wavelength range λP
1528 to 1563 nm
1570 to 1610 nm
Pass port (C
↔P) insertion loss
Maximum
0.6 dB
Pass port (C
↔P) flatness
Maximum
0.3 dB
Pass port (C
↔P) isolation at λR
Minimum
20 dB
Reflect port (C
↔R) wavelength range λR
1570 to 1610 nm
1528 to 1563 nm
Reflect port (C
↔R) insertion loss
Maximum
0.4 dB
Reflect port (C
↔R) flatness
Maximum
0.15 dB
Reflect port (C
↔R) isolation at λP
Minimum
12 dB
Directivity
Minimum
55 dB
Optical return loss
Minimum
50 dB
Polarization dependent loss
Maximum
0.05 dB
Polarization mode dispersion
Maximum
0.1 ps
Temperature dependent loss
Maximum
0.1 dB
Optical power
Maximum
500 mW
Tensile load
Maximum
5 N
Operating temperature
-5 to 75 °C
Storage temperature
-40 to 85 °C
Package dimensions (D x L)
250 µm fiber
5.5 x 30 mm (Standard), 3.2 x 30 mm (Miniature)
900 µm fiber
5.5 x 40 mm (Standard), 3.2 x 40 mm (Miniature)
Fiber length
>1.0 m
Transmission (C
↔P)
-40
-35
-30
-25
-20
-15
-10
-5
0
1530
1540
1550
1560
1570
1580
1590
1600
1610
WAVELENGTH (nm)


Similar Part No. - FWS-F00110004

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWS-10A20F COOPER-FWS-10A20F Datasheet
1Mb / 21P
   Ferrule fuses
logo
Power Systems GmbH+Co.K...
FWS-1203.3 POWER-SYSTEMS-FWS-1203.3 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
FWS-1205 POWER-SYSTEMS-FWS-1205 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
FWS-1209 POWER-SYSTEMS-FWS-1209 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
FWS-1212 POWER-SYSTEMS-FWS-1212 Datasheet
181Kb / 5P
   DC-DC Converter UNIT 8 W WIDE INPUT RANGE DC-DC CONVERTER
More results

Similar Description - FWS-F00110004

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FWS-A00110000 JDSU-FWS-A00110000 Datasheet
135Kb / 3P
   1480/15501590 nm Filter Wavelength Division Multiplexers
FWS-3P5R3P100 JDSU-FWS-3P5R3P100 Datasheet
126Kb / 3P
   1310/15501590 nm Filter Wavelength Division Multiplexers
FWS-D10010000 JDSU-FWS-D10010000 Datasheet
149Kb / 3P
   1510/1550 and 1550/1625 nm Filter Wavelength Division Multiplexers
FWS-360S31000 JDSU-FWS-360S31000 Datasheet
156Kb / 3P
   1536/1554 nm 3-Port Bandpass Wavelength Division Multiplexers
WDM-D13150001 JDSU-WDM-D13150001 Datasheet
148Kb / 3P
   1310/1550 Wavelength Division Multiplexer (WDM) Dual Line Filter
WDM-CAD04000 JDSU-WDM-CAD04000 Datasheet
160Kb / 3P
   Coarse Wavelength Division Multiplexer/Demultiplexer (CWDM) Filter
logo
MRV Communications, Inc...
EM316GEMX2R MRV-EM316GEMX2R Datasheet
659Kb / 3P
   Time Division Multiplexers
EM316GEMX4R MRV-EM316GEMX4R Datasheet
396Kb / 2P
   Time Division Multiplexers
logo
JDS Uniphase Corporatio...
WDM-1MD825601 JDSU-WDM-1MD825601 Datasheet
192Kb / 4P
   100 GHz Wavelength Division Multiplexer/Demultiplexer (WDM) Filter
logo
Emcore Corporation
6925WM-SDSP EMCORE-6925WM-SDSP Datasheet
136Kb / 2P
   Coarse Wavelength-division Multiplexer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com