Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC245PWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC245PWR
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC245PWR Datasheet(HTML) 4 Page - Texas Instruments

  SN74HC245PWR Datasheet HTML 1Page - Texas Instruments SN74HC245PWR Datasheet HTML 2Page - Texas Instruments SN74HC245PWR Datasheet HTML 3Page - Texas Instruments SN74HC245PWR Datasheet HTML 4Page - Texas Instruments SN74HC245PWR Datasheet HTML 5Page - Texas Instruments SN74HC245PWR Datasheet HTML 6Page - Texas Instruments SN74HC245PWR Datasheet HTML 7Page - Texas Instruments SN74HC245PWR Datasheet HTML 8Page - Texas Instruments SN74HC245PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SN54HC245, SN74HC245
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCLS131D – DECEMBER 1982 – REVISED AUGUST 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC245
SN74HC245
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
t
A or B
B or A
2 V
40
105
160
130
ns
tpd
A or B
B or A
4.5 V
15
21
32
26
ns
pd
6 V
12
18
27
22
t
OE
A or B
2 V
125
230
340
290
ns
ten
OE
A or B
4.5 V
23
46
68
58
ns
en
6 V
20
39
58
49
t
OE
A or B
2 V
74
200
300
250
ns
tdis
OE
A or B
4.5 V
25
40
60
50
ns
dis
6 V
21
34
51
43
t
A or B
2 V
20
60
90
75
ns
tt
A or B
4.5 V
8
12
18
15
ns
t
6 V
6
10
15
13
switching characteristics over recommended operating free-air temperature range, CL = 150 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC245
SN74HC245
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
t
A or B
B or A
2 V
54
135
200
170
ns
tpd
A or B
B or A
4.5 V
18
27
40
34
ns
pd
6 V
15
23
34
29
t
OE
A or B
2 V
150
270
405
335
ns
ten
OE
A or B
4.5 V
31
54
81
67
ns
en
6 V
25
46
69
56
t
A or B
2 V
45
210
315
265
ns
tt
A or B
4.5 V
17
42
63
53
ns
t
6 V
13
36
53
45
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per transceiver
No load
40
pF


Similar Part No. - SN74HC245PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC245PWR TI-SN74HC245PWR Datasheet
702Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74HC245PWR TI1-SN74HC245PWR Datasheet
1Mb / 28P
[Old version datasheet]   Octal Bus Transceivers
SN74HC245PWR TI1-SN74HC245PWR Datasheet
2Mb / 29P
[Old version datasheet]   Octal Bus Transceivers With 3-State Outputs
SN74HC245PWRE4 TI-SN74HC245PWRE4 Datasheet
702Kb / 20P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74HC245PWRE4 TI1-SN74HC245PWRE4 Datasheet
1Mb / 28P
[Old version datasheet]   Octal Bus Transceivers
More results

Similar Description - SN74HC245PWR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AC245 TI-SN54AC245 Datasheet
100Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC640A HITACHI-HD74BC640A Datasheet
44Kb / 9P
   Octal Bus Transceivers With 3 State Outputs
logo
Renesas Technology Corp
HD74HCT245 RENESAS-HD74HCT245_15 Datasheet
130Kb / 9P
   Octal Bus Transceivers (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com