Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG7805 Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SG7805
Description  Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SG7805 Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SG7805 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SG7805 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SG7805 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SG7805 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SG7805 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SG7805 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
250
-1.5
1.8
_
_
_
_
_
0.5
75
2
uA
VN
_
72
_
_
_
8
mV
C
o
mV
mA
_
_
_
_
ISC
VO/
o
VD
VO
11.64
V
RR
VIN=19V,IO=500mA,Tj=25
14.5V
_
_
Symbol
Max.
Typ.
Test Condition
Min.
Unit
SG7812 (Refer to the test circuits,Tj=0~125 C, IO=500mA, VIN=19V, CIN=0.33uF, CO=0.1uF unless otherwise specified)
11.4
12
12.36
12.6
VO
(Line Regulation)
VO
(Load Regulation)
3
_
10
120
60
_
100
60
16V VIN 22V,IO=500mA
5mA IO
1A,
14.5V VIN 30V,IO=500mA,
IQ
IQ
mA
1.3
_
_
14.5V VIN 30V,IO=500mA
dB
_
_
V
IPK
Tj
mA
mA
mV/ C
o
Tj=25
A-Rank
(3%)
B-Rank
(5%)
_
_
_
_
VIN=35V,
IO=5mA,0 C
o
Tj 25 C
o
10Hz f
100Hz,
15V VIN 25V,f=120Hz,
C
o
VIN 27V, 5mA IO 1A,PD
15W
Tj=25 C
o
, Tj=25C
o
VIN=19V,
Tj=25C
o
250mA IO 750mA,
VIN=19V,
Tj=25 C
o
VIN=19V,IO=500mA,Tj=25 C
o
5mA IO
1A
VIN=19V,
Tj=25C
o
Tj=25C
o
Tj=25C
o
250
-1.8
1.8
_
_
_
_
_
0.5
90
2
uA
VN
_
70
_
_
_
8
mV
C
o
mV
mA
_
_
_
_
ISC
VO/
o
VD
VO
14.55
V
RR
VIN=23V,IO=500mA,Tj=25
17.5V
_
_
Symbol
Max.
Typ.
Test Condition
Min.
Unit
SG7815 (Refer to the test circuits,Tj=0~125 C, IO=500mA, VIN=23V, CIN=0.33uF, CO=0.1uF unless otherwise specified)
14.25
15
15.45
15.75
VO
(Line Regulation)
VO
(Load Regulation)
_
150
75
_
150
75
17.5V VIN 30V,IO=500mA
5mA IO
1A,
17.5V VIN 30V,IO=500mA,
IQ
IQ
mA
1.3
_
_
17.5V VIN 30V,IO=500mA
dB
_
_
V
IPK
Tj
mA
mA
mV/ C
o
Tj=25
A-Rank
(3%)
B-Rank
(5%)
_
_
_
_
VIN=35V,
IO=5mA,0 C
o
Tj 25 C
o
10Hz f
100Hz,
18.5V VIN
28.5V,f=120Hz,
C
o
VIN 30V, 5mA IO 1A,PD
15W
Tj=25 C
o
, Tj=25C
o
VIN=23V,
Tj=25C
o
250mA IO 750mA,
VIN=23V,
Tj=25 C
o
VIN=23V,IO=500mA,Tj=25 C
o
5mA IO
1A
VIN=23V,
Tj=25C
o
Tj=25C
o
Tj=25C
o
Io=1A,
C
o
Tj=25
Io=1A,
C
o
Tj=25
_
_
Elektronische Bauelemente
SG78XX
3-Terminal
Positive Voltage Regulator
Any changing of specification will not be informed individual
http://www.SeCoSGmbH.com
01-Jun-2002 Rev. A
Page 4 of 6


Similar Part No. - SG7805

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SG7805A SECOS-SG7805A Datasheet
486Kb / 6P
   Positive Voltage Regulator
logo
Microsemi Corporation
SG7805AG/DESC MICROSEMI-SG7805AG/DESC Datasheet
420Kb / 8P
   Positive Fixed Voltage Regulator
SG7805AGDESC MICROSEMI-SG7805AGDESC Datasheet
409Kb / 8P
   Positive Fixed Voltage Regulator
SG7805AIG MICROSEMI-SG7805AIG Datasheet
96Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Micro Electronics
SG7805AIG MICRO-ELECTRONICS-SG7805AIG Datasheet
112Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
More results

Similar Description - SG7805

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
   Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
   Positive-Voltage Regulator
logo
Weitron Technology
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com