Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG7810A Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SG7810A
Description  Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SG7810A Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SG7810A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SG7810A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SG7810A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SG7810A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SG7810A Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SG7810A Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 of 5
-Jun-2002 Rev. A
Page 3 of 6
01
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
400
-1
2.2
_
_
_
_
_
0.5
60
2
_
55
_
_
_
8
_
_
_
_
8.73
_
_
8.55
9
9.27
9.45
2
_
7
180
90
_
180
90
1.5A,
1
_
_
_
_
_
12
4
4.3
=16V,
1A,PD
Tj=25C
o
uA
VN
mV
C
o
mV
mA
ISC
VO/
o
VD
VO
V
RR
VIN=15V,IO=500mA,Tj=25
11.5V
Symbol
Max.
Typ.
Test Condition
Min.
Unit
SG7809A (Refer to the test circuits,Tj=0~125 C, IO=500mA, VIN=15V, CIN=0.33uF, CO=0.1uF unless otherwise specified)
VO
(Line Regulation)
VO
(Load Regulation)
13V VIN 19V,IO=500mA
5mA IO
11.5V VIN 25V,IO=500mA,
IQ
IQ
mA
11.5V VIN 26V,IO=500mA
dB
V
IPK
Tj
mA
mA
mV/ C
o
Tj=25
A-Rank
(3%)
B-Rank
(5%)
VIN
IO=5mA,0 C
o
Tj 25 C
o
10Hz f
100Hz,
12.5V VIN 22.5V,f=120Hz,
C
o
VIN 24V, 5mA IO
15W
Tj=25 C
o
, Tj=25C
o
VIN=15V,
250mA IO 750mA,
VIN=15V,
Tj=25 C
o
VIN=15V,IO=500mA,Tj=25 C
o
5mA IO
1A
VIN=15V,
Tj=25C
o
Tj=25C
o
Tj=25C
o
400
-1
2.2
_
_
_
_
_
0.5
70
2
_
55
_
_
_
8
_
_
_
_
9.7
_
_
9.5
10
10.3
10.5
_
200
100
_
200
100
1.5A,
1
_
_
_
_
_
12
4
4.3
=17V,
1A,PD
Tj=25C
o
7
2
uA
VN
mV
C
o
mV
mA
ISC
VO/
o
VD
VO
V
RR
VIN=16V,IO=500mA,Tj=25
12.5V
Symbol
Max.
Typ.
Test Condition
Min.
Unit
SG7810A (Refer to the test circuits,Tj=0~125 C, IO=500mA, VIN=17V, CIN=0.33uF, CO=0.1uF unless otherwise specified)
VO
(Line Regulation)
VO
(Load Regulation)
14V VIN 20V,IO=500mA
5mA IO
13V VIN 25V,IO=500mA,
IQ
IQ
mA
12.5V VIN 25V,IO=500mA
dB
V
IPK
Tj
mA
mA
mV/ C
o
Tj=25
A-Rank
(3%)
B-Rank
(5%)
VIN
IO=5mA,0 C
o
Tj 25 C
o
10Hz f
100Hz,
13V VIN 23V,f=120Hz,
C
o
VIN 25V, 5mA IO
15W
Tj=25 C
o
, Tj=25C
o
VIN=16V,
250mA IO 750mA,
VIN=16V,
Tj=25 C
o
VIN=16V,IO=500mA,Tj=25 C
o
5mA IO
1A
VIN=16V,
Tj=25C
o
Tj=25C
o
Tj=25C
o
Io=1A,
C
o
Tj=25
Io=1A,
C
o
Tj=25
Elektronische Bauelemente
SG78XXA
3-Terminal
Positive Voltage Regulator
≤ ≤


Similar Part No. - SG7810A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SG7810 SECOS-SG7810 Datasheet
474Kb / 6P
   Positive Voltage Regulator
More results

Similar Description - SG7810A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
   Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
   Positive-Voltage Regulator
logo
Weitron Technology
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com