Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2SC3731 Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # ST2SC3731
Description  NPN Silicon Epitaxial Planar Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST2SC3731 Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  ST2SC3731 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST2SC3731 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST2SC3731 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. ST2SC3731 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. ST2SC3731 Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Dated : 07/08/2003
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 2SC3731
Gain bandwidth product
vs. emitter current
IE, mA
100
10
-1
-10
1000
VCE= 20V
-100
VCE= 1V
DC current gain vs. collector current
50
0.1
20
10
I C, mA
110 20
200
100
1000
500
100
0.1
0.4
0
VBE, V
0.8
1.2
10
100
Collector current vs. base emitter voltage
1
VCE= 1V
Collector current vs.
collector em itter voltage
VCE (V)
90
8
0
4
20
16
12
40
I B =10
A
30
20
20
10
30
60
80
70
50
VCE (V)
Collector current vs.
collector em itter voltage
0.8
50
0
40
0
40
20
0.4
60
100
80
700
2.0
1.2
1.6
1m A
800
900
300
I B =100
A
200
400
600
500
Total power dissipation vs.
am bient tem perature
Am bient tem perature Ta (
C)
100
0
50
100
300
400
200
200
150


Similar Part No. - ST2SC3731

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ST2SC3190 SEMTECH_ELEC-ST2SC3190 Datasheet
129Kb / 2P
   NPN Silicon Epitaxial Planar Transistor
ST2SC3195 SEMTECH_ELEC-ST2SC3195 Datasheet
129Kb / 2P
   NPN Silicon Epitaxial Planar Transistor
ST2SC3198 SEMTECH_ELEC-ST2SC3198 Datasheet
147Kb / 2P
   NPN Silicon Epitaxial Planar Transistor
ST2SC3199 SEMTECH_ELEC-ST2SC3199 Datasheet
146Kb / 2P
   NPN Silicon Epitaxial Planar Transistor
ST2SC3202 SEMTECH_ELEC-ST2SC3202 Datasheet
129Kb / 2P
   NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - ST2SC3731

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com