Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP0115CAC1FF-C2 Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # FP0115CAC1FF-C2
Description  Contactless Pushbuttons
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

FP0115CAC1FF-C2 Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  FP0115CAC1FF-C2 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. FP0115CAC1FF-C2 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. FP0115CAC1FF-C2 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. FP0115CAC1FF-C2 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. FP0115CAC1FF-C2 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Contactless Pushbuttons
Series FP01
(1.5)
.059
(5.0)
.197
(5.3)
.209
(21.4)
.843
(2.3)
.091
NKK P/N
This Side
TYPICAL SWITCH DIMENSIONS
FP0115CAC1FF
(19.6) Dia
.772
(26.0) Dia
1.024
6 5 4 3 2 1
(22.8) Dia
.898
Terminal Connector Detail
Pin 1
(22.9) Dia
.902
(25.1)
.988
(1.1)R Typ
.043
Recommended Panel
Thickness Range:
.098” ~ .197”
(2.5mm ~ 5.0mm)
AT022
Unassembled Connector Plug
and Pins
EXTERNAL PLUG OPTIONS
C2 AT021
Assembled Connector Plug
with Wire Leads
C3
No Code
No Connector Plug
Recommended connector
plug for assembly:
JST model number ZHR-6
Recommended crimp
connector pins:
JST model SZH-002T-P0.5
for 28-26AWG wire leads
or SZH-003T-P0.5 for
32-28AWG wire leads.
1 connector plug and 8 crimp connector
pins only (no wire leads provided).
Matching wire leads: 28-26AWG
Connector plug body: JST model ZHR-6
Crimp connector pins: JST model SZH-002T-P0.5
Wire leads: 28-26AWG; 12-inch, unstripped;
Blue for Pin 1
LEGENDS
Shaded area is printable area.
Easily create and submit your own legends using our new on-line Legend Maker.
Visit www.nkkswitches.com
For other legend support options, customers may either contact the factory
or utilize the general information and basic specifications presented below.
Recommended Methods:
Pad Print or Laser Etch on cap.
Epoxy based ink is recommended.
Suggested Printable Area for FP01 Cap
(16.56) Dia
.475
(19.6) Dia
.772
(1.52) Typ
.060


Similar Part No. - FP0115CAC1FF-C2

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
FP0115CAC1FF-C2 NKK-FP0115CAC1FF-C2 Datasheet
186Kb / 4P
   Contactless Pushbuttons
logo
List of Unclassifed Man...
FP0115CAC1FF-C2 ETC2-FP0115CAC1FF-C2 Datasheet
347Kb / 4P
   Distinctive Characteristics
logo
Nihon Kaiheiki Industry...
FP0115CAC1FF-C2 NKK-FP0115CAC1FF-C2 Datasheet
176Kb / 4P
   Distinctive Characteristics
More results

Similar Description - FP0115CAC1FF-C2

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
FP0115CAC1BC NKK-FP0115CAC1BC_10 Datasheet
186Kb / 4P
   Contactless Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SS1W NKK-MB2011SS1W Datasheet
238Kb / 8P
   Miniature Pushbuttons
logo
List of Unclassifed Man...
KB15CKW01-12-FF ETC2-KB15CKW01-12-FF Datasheet
725Kb / 13P
   Miniature Pushbuttons
logo
Nihon Kaiheiki Industry...
MB2011SB1W01 NKK-MB2011SB1W01 Datasheet
333Kb / 11P
   Miniature Pushbuttons
HB15SKW01-A NKK-HB15SKW01-A Datasheet
133Kb / 4P
   Subminiature Pushbuttons
KB15SKW01 NKK-KB15SKW01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB Datasheet
182Kb / 6P
   Subminiature Pushbuttons
HB15SKW01-5C-AB NKK-HB15SKW01-5C-AB_10 Datasheet
163Kb / 6P
   Subminiature Pushbuttons
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com