Selected language     English  ▼


SM78L10 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part No. SM78L10
Description  Positive Voltage Regulator
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SECOS [SeCoS Halbleitertechnologie GmbH]
Homepage  http://www.secosgmbh.com
Logo 

   
 3 page
background image
Elektronische Bauelemente
SM78Lxx
Positive Voltage Regulator
01-June-2002 Rev. A
Page 3 of 5
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
SM78L09 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, Tj=0~125 °C, IO=40mA, VIN=15V, CIN=0.33 μF, CO=0.1 μF unless otherwise specified) (Note 1)
Symbol
Test Conditions
Min
Typ
Max
Units
A-Rank (3%)
8.73
9.0
9.27
VO
B-Rank (5%)
VIN=15V, IO=40mA,Tj=25°C
11.5V≦VIN≦24V, 1mA≦IO≦40mA
11.5V≦VIN≦Vmax, 1mA≦IO≦70mA (Note 2)
8.55
-
9.45
V
11.5V≦VIN≦24V, IO=40mA, Tj=25°C
-
90
200
ΔV
O(Line Regulation)
13V≦VIN≦24V, IO=40mA, Tj=25°C
-
100
150
mV
VIN=15V, 1mA≦IO≦100mA, Tj=25°C
-
20
90
ΔV
O(Load Regulation)
VIN=15V, 1mA≦IO≦40mA, Tj=25°C
-
10
45
mV
IQ
VIN=15V, IO=0mA,Tj=25°C
-
2.0
6.0
mA
VIN=15V, 1mA≦IO≦40mA
-
-
0.1
ΔI
Q
13V≦VIN≦24V, IO=40mA
-
-
1.5
mA
VN
10Hz≦f≦100KHz
-
49
-
μV
RR
12V≦VIN≦23V, Io=40mA, f=120Hz, Tj=25°C
38
44
-
dB
VD
Io=100mA, Tj=25°C
-
1.7
-
V
ΔV
O/ΔTj
IO=5mA, 0°C≦Tj≦125°C
-
0.75
-
mV/°C
SM78L10 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, Tj=0~125 °C, IO=40mA, VIN=17V, CIN=0.33 μF, CO=0.1 μF unless otherwise specified) (Note 1)
Symbol
Test Conditions
Min
Typ
Max
Units
A-Rank (3%)
9.70
10.0
10.30
VO
B-Rank (5%)
VIN=17V, IO=40mA,Tj=25°C
13V≦VIN≦25V, 1mA≦IO≦40mA
13V≦VIN≦Vmax, 1mA≦IO≦70mA (Note 2)
9.50
-
10.50
V
13V≦VIN≦25V, IO=40mA, Tj=25°C
-
51
175
ΔV
O(Line Regulation)
14V≦VIN≦25V, IO=40mA, Tj=25°C
-
42
125
mV
VIN=17V, 1mA≦IO≦100mA, Tj=25°C
-
20
90
ΔV
O(Load Regulation)
VIN=17V, 1mA≦IO≦40mA, Tj=25°C
-
11
40
mV
IQ
VIN=17V, IO=0mA,Tj=25°C
-
4.2
6.0
mA
VIN=17V, 1mA≦IO≦40mA
-
-
0.1
ΔI
Q
14V≦VIN≦25V, IO=40mA
-
-
1.5
mA
VN
10Hz≦f≦100KHz
-
62
-
μV
RR
15V≦VIN≦25V, Io=40mA, f=120Hz, Tj=25°C
37
44
-
dB
VD
Io=100mA, Tj=25°C
-
1.7
-
V
SM78L12 ELECTRICAL CHARACTERISTICS
(Refer to the test circuits, Tj=0~125 °C, IO=40mA, VIN=19V, CIN=0.33 μF, CO=0.1 μF unless otherwise specified) (Note 1)
Symbol
Test Conditions
Min
Typ
Max
Units
A-Rank (3%)
11.64
12.0
12.36
VO
B-Rank (5%)
VIN=19V, IO=40mA,Tj=25°C
14.5V≦VIN≦27V, 1mA≦IO≦40mA
14.5V≦VIN≦Vmax, 1mA≦IO≦70mA (Note 2)
11.40
-
12.60
V
14.5V≦VIN≦27V, IO=40mA, Tj=25°C
-
25
300
ΔV
O(Line Regulation)
16V≦VIN≦27V, IO=40mA, Tj=25°C
-
20
250
mV
VIN=19V, 1mA≦IO≦100mA, Tj=25°C
-
25
150
ΔV
O(Load Regulation)
VIN=19V, 1mA≦IO≦40mA, Tj=25°C
-
12
75
mV
IQ
VIN=19V, IO=0mA,Tj=25°C
-
2.0
6.0
mA
VIN=19V, 1mA≦IO≦40mA
-
-
0.1
ΔI
Q
16V≦VIN≦27V, IO=40mA
-
-
1.5
mA
VN
10Hz≦f≦100KHz
-
80
-
μV
RR
15V≦VIN≦25V, Io=40mA, f=120Hz, Tj=25°C
37
65
-
dB
VD
Io=100mA, Tj=25°C
-
1.7
-
V
ΔV
O/ΔTj
IO=5mA, 0°C≦Tj≦125°C
-
-1.0
-
mV/°C




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GM6250ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MC78LXXA_043-Terminal 0.1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
GELM3173-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR 1 2 3 4 List of Unclassifed Manufacturers
MC78L12FThree-Terminal Low Current Positive Voltage Regulator 1 2 Micro Commercial Components
DE7824TECHNICAL SPECIFICATIONS OF 3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 Dc Components
G3ULM3173-TERMINAL 1.5A POSITIVE ADJUSTABLE VOLTAGE REGULATOR 1 2 3 GTM CORPORATION
G78LXXPOSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreGTM CORPORATION
GI78LXX3-TERMINAL POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreGTM CORPORATION
GN2133CMOS POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 GTM CORPORATION
GSC2156600mA CMOS POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreGTM CORPORATION

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl