Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM10100D Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SM10100D
Description  10.0 AMP Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM10100D Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SM10100D Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM10100D Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SM1020D THRU SM10100D
VOLTAGE 20V ~ 100V
10.0 AMP Surface Mount Schottky Barrier Rectifiers
RATING AND CHARACTERISTIC CURVES (SM1020D THRU SM10100D)
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
0.1
1.0
.01
10
50
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
2
4
6
8
10
12
2000
2400
2800
1600
1200
800
400
0
.01
.05
.1
.5
1
5
10
50
100
.1
.3
.5
.7
.9
1.1
1.3
1.5
5.0
.1
1.0
10
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80
100 120 140
.01
Tj=75 C
Tj=25 C
O
Tj=25 C
100
50
0
150
250
200
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
0
0
20
40
60
80
100
120
140
160
180
200
CASE TEMPERATURE,( C)
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
SM1060
D~SM
10100
D
SM1
020D
~SM
1040
D
SM1060
D
S M1
020
D~S
M104
0D
SM101
00D
01-Jun-2002 Rev. A
Page
2 of 2


Similar Part No. - SM10100D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM10100D1 SECOS-SM10100D1 Datasheet
105Kb / 2P
   10.0 AMP Surface Mount Schottky Barrier Rectifiers
SM10100D1 SECOS-SM10100D1 Datasheet
334Kb / 2P
   10.0 AMP Surface Mount Schottky Barrier Rectifiers
SM10100DS SECOS-SM10100DS Datasheet
200Kb / 2P
   VOLTAGE 100V 10A Schottky Barrier Rectifiers
SM10100DS1 SECOS-SM10100DS1 Datasheet
165Kb / 2P
   10.0 AMP Surface Mount Schottky Barrier Rectifiers
SM10100DS1 SECOS-SM10100DS1_15 Datasheet
205Kb / 2P
   10A Schottky Barrier Rectifiers
More results

Similar Description - SM10100D

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM1020DS1 SECOS-SM1020DS1 Datasheet
165Kb / 2P
   10.0 AMP Surface Mount Schottky Barrier Rectifiers
SM1020D1 SECOS-SM1020D1 Datasheet
105Kb / 2P
   10.0 AMP Surface Mount Schottky Barrier Rectifiers
SM1020D1 SECOS-SM1020D1_09 Datasheet
334Kb / 2P
   10.0 AMP Surface Mount Schottky Barrier Rectifiers
SM1020C SECOS-SM1020C Datasheet
160Kb / 2P
   10.0 AMP Surface Mount Schottky Barrier Rectifiers
MBR10100 SECOS-MBR10100_15 Datasheet
144Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
SP10100 SECOS-SP10100_10 Datasheet
495Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
logo
UNIOHM CORPORATION
SR1020 UNIOHM-SR1020 Datasheet
71Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SP10150 SECOS-SP10150 Datasheet
62Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SRF1020 GWSEMI-SRF1020 Datasheet
72Kb / 2P
   10.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SK1045CL SECOS-SK1045CL_15 Datasheet
206Kb / 2P
   10.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com