Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HC594 Datasheet(PDF) 7 Page - Texas Instruments

Part # HC594
Description  8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HC594 Datasheet(HTML) 7 Page - Texas Instruments

  HC594 Datasheet HTML 1Page - Texas Instruments HC594 Datasheet HTML 2Page - Texas Instruments HC594 Datasheet HTML 3Page - Texas Instruments HC594 Datasheet HTML 4Page - Texas Instruments HC594 Datasheet HTML 5Page - Texas Instruments HC594 Datasheet HTML 6Page - Texas Instruments HC594 Datasheet HTML 7Page - Texas Instruments HC594 Datasheet HTML 8Page - Texas Instruments HC594 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SN54HC594, SN74HC594
8-BIT SHIFT REGISTERS
WITH OUTPUT REGISTERS
SCLS040C – DECEMBER 1982 – REVISED FEBRUARY 1998
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC594
SN74HC594
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
5
8
3.3
4
fmax
4.5 V
25
35
17
20
MHz
6 V
29
40
20
24
2 V
50
150
225
185
SRCLK
QH
4.5 V
20
30
45
37
t d
6 V
15
25
38
31
ns
tpd
2 V
50
150
225
185
ns
RCLK
QA–QH
4.5 V
20
30
45
37
6 V
15
25
38
31
2 V
50
150
225
185
SRCLR
QH
4.5 V
20
30
45
37
tPHL
6 V
15
25
38
31
ns
tPHL
2 V
50
125
185
155
ns
RCLR
QA–QH
4.5 V
20
25
37
31
6 V
15
21
31
26
2 V
38
75
110
95
QH
4.5 V
8
15
22
19
tt
6 V
6
13
19
16
ns
tt
2 V
38
60
90
75
ns
QA–QH
4.5 V
8
12
18
15
6 V
6
10
15
13
switching characteristics over recommended operating free-air temperature range, CL = 150 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC594
SN74HC594
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
90
200
300
250
tpd
RCLK
QA–QH
4.5 V
23
40
60
50
ns
6 V
19
34
51
43
2 V
90
200
300
250
tPHL
RCLR
QA–QH
4.5 V
23
40
60
50
ns
6 V
19
34
51
43
2 V
45
210
315
265
tt
QA–QH
4.5 V
17
42
63
53
ns
6 V
13
36
53
45
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
395
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - HC594

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
HC595 SLS-HC595 Datasheet
81Kb / 10P
   8-Bit Serial-Input/Serial or Parallel-Output Shift Register with Latched 3-State Outputs
logo
Texas Instruments
HC595M TI-HC595M Datasheet
467Kb / 16P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
logo
STMicroelectronics
HC595Y STMICROELECTRONICS-HC595Y Datasheet
579Kb / 22P
   8-bit shift register with output latches (3-state)
Rev 6 January 2014
More results

Similar Description - HC594

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV594A TI-SN54LV594A_10 Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_08 Datasheet
522Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI1-SN54LV594A_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI1-SN54AHC594_15 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594 Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_07 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI-SN54AHC594 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com