Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC244PWE4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC244PWE4
Description  OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC244PWE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74HC244PWE4 Datasheet HTML 1Page - Texas Instruments SN74HC244PWE4 Datasheet HTML 2Page - Texas Instruments SN74HC244PWE4 Datasheet HTML 3Page - Texas Instruments SN74HC244PWE4 Datasheet HTML 4Page - Texas Instruments SN74HC244PWE4 Datasheet HTML 5Page - Texas Instruments SN74HC244PWE4 Datasheet HTML 6Page - Texas Instruments SN74HC244PWE4 Datasheet HTML 7Page - Texas Instruments SN74HC244PWE4 Datasheet HTML 8Page - Texas Instruments SN74HC244PWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SN54HC244, SN74HC244
OCTAL BUFFERS AND LINE DRIVERS
WITH 3-STATE OUTPUTS
SCLS130D – DECEMBER 1982 – REVISED AUGUST 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC244
SN74HC244
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
t
A
Y
2 V
40
115
170
145
ns
tpd
A
Y
4.5 V
13
23
34
29
ns
pd
6 V
11
20
29
25
t
OE
Y
2 V
75
150
225
190
ns
ten
OE
Y
4.5 V
15
30
45
38
ns
en
6 V
13
26
38
32
t
OE
Y
2 V
75
150
225
190
ns
tdis
OE
Y
4.5 V
15
30
45
38
ns
dis
6 V
13
26
38
32
t
Y
2 V
28
60
90
75
ns
tt
Y
4.5 V
8
12
18
15
ns
t
6 V
6
10
15
13
switching characteristics over recommended operating free-air temperature range, CL = 150 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC244
SN74HC244
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
t
A
Y
2 V
56
165
245
210
ns
tpd
A
Y
4.5 V
18
33
49
42
ns
pd
6 V
15
28
42
35
t
OE
Y
2 V
100
200
300
250
ns
ten
OE
Y
4.5 V
20
40
60
50
ns
en
6 V
17
34
51
43
t
Y
2 V
45
210
315
265
ns
tt
Y
4.5 V
17
42
63
53
ns
t
6 V
13
36
53
45
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per buffer/driver
No load
35
pF


Similar Part No. - SN74HC244PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC244PWE4 TI-SN74HC244PWE4 Datasheet
717Kb / 19P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HC244PWE4 TI1-SN74HC244PWE4 Datasheet
1Mb / 32P
[Old version datasheet]   Octal Buffers and Line Drivers With 3-State Outputs
SN74HC244PWE4 TI1-SN74HC244PWE4 Datasheet
1Mb / 32P
[Old version datasheet]   Octal Buffers and Line Drivers With 3-State Outputs
More results

Similar Description - SN74HC244PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC241 TI-SN54HC241_06 Datasheet
433Kb / 14P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_07 Datasheet
512Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC541 TI-SN54HC541_07 Datasheet
604Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54ALS244C TI-SN54ALS244C Datasheet
535Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI1-SN54HCT244_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HCT541 TI-SN74HCT541 Datasheet
336Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3 STATE OUTPUTS
SN54HCT244 TI-SN54HCT244 Datasheet
529Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC241 TI1-SN54HC241_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LS240 TI-SN54LS240_06 Datasheet
638Kb / 24P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com