Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ7.0C Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

Part # SMAJ7.0C
Description  400W Peak Power Surface Mount TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMAJ7.0C Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SMAJ7.0C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMAJ7.0C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMAJ7.0C Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMAJ7.0C Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Any changing of specification will not be informed individual
SMAJ SERIES
VOLTAGE 5.0V ~ 170V
400W Peak Power Surface Mount TVS
SMAJ60(C)
60
66.7
81.5
1
107
3.7
5
AJ60
SMAJ160(C)
160
178
218
1
287
1.4
5
AJ160
SMAJ130(C)
130
144
176
1
231
1.7
5
AJ130
SMAJ110(C)
110
122
149
1
196
2.0
5
AJ110
SMAJ90(C)
90
100
122
1
160
2.5
5
AJ90
SMAJ78(C)
78
86.7
106
1
139
2.9
5
AJ78
SMAJ70(C)
70
77.8
95.1
1
125
3.2
5
AJ70
SMAJ60(C)A
60
66.7
73.7
1
96.8
4.1
5
AJ60A
SMAJ160(C)A
160
178
197
1
259
1.5
5
AJ160A
SMAJ130(C)A
130
144
159
1
209
1.9
5
AJ130A
SMAJ110(C)A
110
122
135
1
177
2.3
5
AJ110A
SMAJ90(C)A
90
100
111
1
146
2.7
5
AJ90A
SMAJ78(C)A
78
86.7
95.8
1
126
3.2
5
AJ78A
SMAJ70(C)A
70
77.8
86.0
1
113
3.5
5
AJ70A
SMAJ64(C)A
64
71.1
78.6
1
103
3.9
5
AJ64A
SMAJ170(C)A
170
189
209
1
275
1.4
5
AJ170A
SMAJ150(C)A
150
167
185
1
243
1.6
5
AJ150A
SMAJ120(C)A
120
133
147
1
193
2.0
5
AJ120A
SMAJ100(C)A
100
111
123
1
162
2.5
5
AJ100A
SMAJ85(C)A
85
94.4
104
1
137
2.9
5
AJ85A
SMAJ75(C)A
75
83.3
92.1
1
121
3.3
5
AJ75A
SMAJ64(C)
64
71.1
86.4
1
114
4.5
5
AJ64
SMAJ170(C)
1
70
189
231
1
304
1.3
5
AJ170
SMAJ150(C)
150
167
204
1
268
1.5
5
AJ150
SMAJ120(C)
120
133
163
1
214
1.9
5
AJ120
SMAJ100(C)
100
111
136
1
179
2.2
5
AJ100
SMAJ85(C)
85
94.4
115
1
151
2.6
5
AJ85
SMAJ75(C)
75
83.3
102
1
134
3.0
5
AJ75
TEST
CURRENT
IT
( m
)
A
BREAKDOWN
VOLTAGE
VBR (V)
MAX. @ IT
REVERSE
LEAKAGE
@VRWM
IR (A)
PEAK
PULSE
CURRENT
IPP (A)
BREAKDOWN
VOLTAGE
VBR (V)
MIN. @ IT
REVERSE
STAND-OFF
VOLTAGE
VRWM (V)
PART NUMBER
ADD C FOR BI-
DIRECTIONAL
See Note 1
MAXIMUM
CLAMPING
VOLTAGE
@IPP VC (V)
MARKING
CODE
http://www.SeCoSGmbH.com
Elektronische Bauelemente
Page 4 of 4
01-Jun-2006 Rev. B


Similar Part No. - SMAJ7.0C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ7.0C BYTES-SMAJ7.0C Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SMAJ7.0C LUGUANG-SMAJ7.0C Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ7.0C ETC-SMAJ7.0C Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Anova Technologies CO.,...
SMAJ7.0C ANOVA-SMAJ7.0C Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
UNIOHM CORPORATION
SMAJ7.0C UNIOHM-SMAJ7.0C Datasheet
342Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SMAJ7.0C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S4FL6.0A SECOS-S4FL6.0A Datasheet
477Kb / 4P
   400W Peak Power Surface Mount TVS
SMAJ SECOS-SMAJ_15 Datasheet
76Kb / 4P
   400W Peak Power Surface Mount TVS
P4KE SECOS-P4KE_15 Datasheet
57Kb / 3P
   400W Peak Power TVS
P4KE6.8 SECOS-P4KE6.8 Datasheet
194Kb / 4P
   400W Peak Power / 1.0W Steady State 400W Peak Power TVS
logo
SUNMATE electronic Co.,...
SMAJ5.0CA SUNMATE-SMAJ5.0CA Datasheet
333Kb / 4P
   400W SURFACE MOUNT TVS
logo
SeCoS Halbleitertechnol...
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
S6AF SECOS-S6AF Datasheet
271Kb / 4P
   Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_16 Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J_18 Datasheet
313Kb / 3P
   Peak Power Surface Mount TVS
S4AF SECOS-S4AF Datasheet
287Kb / 4P
   Peak Power Surface Mount TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com