Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR330 Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # SR330
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SR330 Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SR330 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SR330 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 08/01/2009 J
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
SR320 THRU SR3200
SCHOTTKY BARRIER RECTIFIERS
Reverse Voltage - 20 to 200 V
Forward Current - 3 A
Features
• Plastic package has UL flammability
classification 94V-0
• Metal silicon junction, majority carrier conduction
• Guard ring for overvoltage protection
• Low power loss, high efficiency
• High current capability, low forward voltage drop
• High surge capability
Mechanical Data
• Case: Molded plastic body, DO-201AD
• Terminals: Plated axial leads, solderable per
MIL-STD-750, method 2026
• Polarity: color band denotes cathode end
• Mounting Position: Any
Absolute Maximum Ratings and Characteristics
Ratings at 25
OC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive
load, derate current by 20%.
Parameter
Symbols SR320
SR330
SR340
SR350
SR360
SR380
SR3100 SR3150 SR3200 Units
Maximum Repetitive Peak Reverse Voltage
VRRM
20
30
40
50
60
80
100
150
200
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
105
140
V
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
V
Maximum Average Forward Rectified Current
0.375" (9.5 mm) Lead Length
IF(AV)
3
A
Peak Forward Surge Current, 8.3 ms Single Half-
Sine-Wave Superimposed on Rated Load (JEDEC
method)
IFSM
80
A
Maximum Forward Voltage at 3 A DC
VF
0.55
0.7
0.85
0.9
0.95
V
TA = 25
OC
0.5
Maximum Reverse Current at Rated
DC Blocking Voltage
TA = 100
OC
IR
20
10
mA
Typical Junction Capacitance
1)
CJ
250
160
pF
Typical Thermal Resistance
2)
RθJA
40
OC/W
Operating Junction Temperature Range
Tj
- 55 to + 125
- 55 to + 150
OC
Storage Temperature Range
Tstg
- 55 to + 150
OC
1) Measured at 1 MHz and applied reverse voltage of 4 V DC.
2) Thermal resistance from junction to lead vertical P.C.B mounted, 0.5" (12.7 mm) lead length.
2.8±0.2
6.5±0.5
DO-201AD-U-1
1.3 max
3.0±0.5


Similar Part No. - SR330

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR330 WTE-SR330 Datasheet
47Kb / 3P
   3.0A SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SR330 DGNJDZ-SR330 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SR330 SECOS-SR330 Datasheet
130Kb / 2P
   3.0AMP Schottky Barrier Rectifiers
logo
Nanjing International G...
SR330 DGNJDZ-SR330 Datasheet
256Kb / 2P
   3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
SR330 YFWDIODE-SR330 Datasheet
73Kb / 2P
   3.0Amp Schottky Barrier Rectifiers
More results

Similar Description - SR330

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com