Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E2028PG-CE Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # E2028PG-CE
Description  Light Duty Miniature Toggles
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

E2028PG-CE Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  E2028PG-CE Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. E2028PG-CE Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. E2028PG-CE Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. E2028PG-CE Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. E2028PG-CE Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. E2028PG-CE Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Light Duty Miniature Toggles
Series E
2-06
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
TYPICAL SWITCH DIMENSIONS
OPTIONAL CAPS & COLORS
Cap Colors Available:
AT415
Bat Lever Cap
Cap Lever Material
Polyethylene
Solder Lug
Single Pole
Solder Lug
Double Pole
E2012
E2011 model does not have terminal 1.
The E Series toggles have a bat
lever .413” (10.5mm) long.
E2022
E2021 model does not have terminals 1 & 4.
AT444
Bat Lever Conical Cap
Cap Lever Material
Polyethylene
This standard lever is com-
bined with a metric bushing.
(10.5)
.413
25
°
(2.8) Dia
.110
(7.0) Dia
.276
(0.8)
.031
(2.5)
.098
(0.7)
.028
(7.9)
.311
M6 P0.75
Black
White
Red
Yellow
Green
Blue
Keyway
(7.0)
.276
(11.0)
.433
(2.8) Dia
.110
25
°
M6 P0.75
(1.1) x (2.0) Typ
.043 x .079
(0.7) Typ
.028
(3.9) Typ
.154
(4.0) Typ
.157
(0.5)
.020
(4.5)
.177
(0.7)
.028
(10.5)
.413
(7.2)
.283
(14.6)
.575
3
2
1
(2.0)
.079
3
2
1
(2.0) Typ
.079
4
5
6
(4.7)
.185
(2.8) Dia
.110
25
°
M6 P0.75
(1.1) x (2.0) Typ
.043 x .079
(0.7) Typ
.028
(3.9) Typ
.154
(4.0) Typ
.157
(0.5)
.020
(4.5)
.177
(0.7)
.028
(10.5)
.413
(7.2)
.283
(14.6)
.575
Keyway
(11.7)
.461
(11.0)
.433
A
B
C
E
F
G
B
C
25
°
(5.0) Dia
.197
(13.5)
.532
(12.0)
.472
25
°
(4.8) Dia
.189
(13.1)
.516
(11.5)
.452


Similar Part No. - E2028PG-CE

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
E202 MPD-E202 Datasheet
175Kb / 2P
   Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters
logo
Gilway Technical Lamp
E2020 GILWAY-E2020 Datasheet
183Kb / 3P
   Light Bar
logo
Axiomtek Co., Ltd.
E202003329 AXIOMTEK-E202003329 Datasheet
755Kb / 2P
   Isolated COM, USB and Ethernet ports
E202003330 AXIOMTEK-E202003330 Datasheet
755Kb / 2P
   Isolated COM, USB and Ethernet ports
logo
Renesas Technology Corp
E202075_HD404889 RENESAS-E202075_HD404889 Datasheet
670Kb / 202P
   Low-Voltage AS Microcomputers with On-Chip LCD Circuit
More results

Similar Description - E2028PG-CE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2022SS2G13-BC ETC2-M2022SS2G13-BC Datasheet
215Kb / 7P
   Miniature Toggles
M2022ES1W01 ETC2-M2022ES1W01 Datasheet
1Mb / 12P
   Miniature Toggles
M2012S2A2G40 ETC2-M2012S2A2G40 Datasheet
343Kb / 10P
   Miniature Toggles
M2013SS1W01 ETC2-M2013SS1W01 Datasheet
1Mb / 12P
   Miniature Toggles
M-2011L ETC2-M-2011L Datasheet
1Mb / 12P
   Miniature Toggles
35-3170 ETC2-35-3170 Datasheet
3Mb / 4P
   HEAVY DUTY TOGGLES
logo
Nihon Kaiheiki Industry...
M2T12SA5W03 NKK-M2T12SA5W03 Datasheet
219Kb / 7P
   Process Sealed Miniature Toggles
JF01PC NKK-JF01PC Datasheet
45Kb / 1P
   Ultra-Miniature Fully Illuminated Toggles
G12JPC NKK-G12JPC Datasheet
123Kb / 4P
   Fully Illuminated Ultra-Miniature Toggles
G12AP NKK-G12AP Datasheet
126Kb / 4P
   Process Sealed Ultra-Miniature Toggles
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com