Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR40150 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SR40150
Description  40.0 AMP Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SR40150 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SR40150 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SR40150 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SR40150
VOLTAGE 150V
40.0 AMP Schottky Barrier Rectifiers
TO-247 (
TO-3P)
FEATURES
. Low forward voltage drop
. High current capability
. High reliability
. High surge current capability
. Epitaxial construction
MECHANICAL DATA
. Case: Molded plastic
. Epoxy: UL 94V-0 rate flame retardant
. Lead: Lead solderable per MIL-S TD-202,
method 208 guaranteed
. Polarity: As Marked
. Mounting position: Any
. Weight: 5.60 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SR40150
UNITS
Maximum Recurrent Peak Reverse Voltage
150
V
Working Peak Reverse Voltage
150
V
Maximum DC Blocking Voltage
150
V
Maximum Average Forward Rectified Current,
See Fig. 1
40.0
A
Peak Forward Surge Current, 8.3 mS single half Sine-wave
superimposed on rated load (JEDEC method)
350
A
Maximum Instantaneous Forward Voltage at 20.0A
0.85
V
Maximum DC Reverse Current Ta=25
0.03
At Rated DC Blocking Voltage Ta=125
4.5
Typical Junction Capacitance (Note 1)
900
pF
Typical Thermal Resistance R JC (Note 2)
3.0
/ W
Operating Temperature Range TJ
-50 ~ +150
Storage Temperature Range TSTG
-65 ~ +175
NOTES:
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2. Thermal Resistance Junction to Ambient Vertical PC Board Mounting 0.5"(12.7mm) Lead Length.
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
Dimens ions in inches and (millimeters )
mA
01-Jun-2002 Rev. A
Page 1 of 2
+
PIN 1
PIN 3
PIN 2
CASE
.638(16.20)
.881(22.38)
.846(21.50)
.319(8.10)
.122(3.1)
.177(4.50)
.050(1.30)
.204(5.20)
.223(5.66)
.027(0.70)
.144(3.65)
.244(6.20)
.605(15.38)
.812(20.63)
.728(18.50)
.303(7.69)
.110(2.8) .153(3.90)
.045(1.10)
.181(4.60)
.207(5.26)
.019(0.48)
.128(3.25)
.228(5.8)
DIA.
.095
(2.4)
30
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free


Similar Part No. - SR40150

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
SR40150 JINANJINGHENG-SR40150 Datasheet
73Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR40150C RECTRON-SR40150C Datasheet
865Kb / 5P
   SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 40 Amperes
2022-04/52 REV:B
logo
Shanghai Shunye Electro...
SR40150CT SY-SR40150CT Datasheet
2Mb / 3P
   SCHOTTKY BARRIER RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
SR40150CT SAMYANG-SR40150CT Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
SR40150CT SUNMATE-SR40150CT Datasheet
626Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR40150

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SR4045 SECOS-SR4045 Datasheet
159Kb / 2P
   40.0 AMP Schottky Barrier Rectifiers
SR40200 SECOS-SR40200 Datasheet
117Kb / 2P
   40.0 AMP Schottky Barrier Rectifiers
SBR40150R SECOS-SBR40150R_15 Datasheet
227Kb / 2P
   40.0 Amp Schottky Barrier Rectifiers
SBR40100RF SECOS-SBR40100RF_15 Datasheet
333Kb / 2P
   40.0 Amp Schottky Barrier Rectifiers
SBR4060RF SECOS-SBR4060RF_15 Datasheet
133Kb / 2P
   40.0 Amp Schottky Barrier Rectifiers
SBR4060RF SECOS-SBR4060RF Datasheet
133Kb / 2P
   40.0 Amp Schottky Barrier Rectifiers
SBR40100 SECOS-SBR40100_09 Datasheet
68Kb / 2P
   40.0 Amp Schottky Barrier Rectifiers
SBR40100R SECOS-SBR40100R_15 Datasheet
269Kb / 2P
   40.0 Amp Schottky Barrier Rectifiers
SBR40100RF SECOS-SBR40100RF Datasheet
333Kb / 2P
   40.0 Amp Schottky Barrier Rectifiers
SBR40100 SECOS-SBR40100_15 Datasheet
68Kb / 2P
   40.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com