Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SN54HCT652 Datasheet(HTML) 6 Page - Texas Instruments

Part No. SN54HCT652
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN54HCT652 Datasheet(HTML) 6 Page - Texas Instruments

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 8 page
background image
SN54HCT652, SN74HCT652
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCLS179B – MARCH 1984 – REVISED MAY 1997
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HCT652
SN74HCT652
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
f
4.5 V
25
35
17
20
MHz
fmax
5.5 V
28
40
19
22
MHz
CLKBA or CLKAB
AorB
4.5 V
18
36
54
45
CLKBA or CLKAB
A or B
5.5 V
16
32
49
41
t d
AorB
BorA
4.5 V
14
27
41
34
ns
tpd
A or B
B or A
5.5 V
12
24
37
31
ns
SBA or SAB†
AorB
4.5 V
20
38
57
48
SBA or SAB†
A or B
5.5 V
17
34
51
43
t
OEBA or OEAB
AorB
4.5 V
25
49
74
61
ns
ten
OEBA or OEAB
A or B
5.5 V
22
44
67
55
ns
tdi
OEBA or OEAB
AorB
4.5 V
25
49
74
61
ns
tdis
OEBA or OEAB
A or B
5.5 V
22
44
67
55
ns
tt
Any
4.5 V
9
12
18
15
ns
tt
Any
5.5 V
7
11
16
14
ns
† These parameters are measured with the internal output state of the storage register opposite that of the bus input.
switching characteristics over recommended operating free-air temperature range, CL = 150 pF
(unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HCT652
SN74HCT652
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
CLKBA or CLKAB
AorB
4.5 V
24
53
80
66
CLKBA or CLKAB
A or B
5.5 V
22
47
72
60
t d
AorB
BorA
4.5 V
22
44
70
55
ns
tpd
A or B
B or A
5.5 V
20
39
60
50
ns
SBA or SAB†
AorB
4.5 V
26
55
83
69
SBA or SAB†
A or B
5.5 V
24
49
74
62
t
OEBA or OEAB
AorB
4.5 V
33
66
100
82
ns
ten
OEBA or OEAB
A or B
5.5 V
30
59
90
74
ns
tt
Any
4.5 V
17
42
63
53
ns
tt
Any
5.5 V
14
38
57
48
ns
† These parameters are measured with the internal output state of the storage register opposite that of the bus input.
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
50
pF
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn