Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SN54HCT652FK Datasheet(PDF) 5 Page - Texas Instruments

Part No. SN54HCT652FK
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HCT652FK Datasheet(HTML) 5 Page - Texas Instruments

  SN54HCT652FK Datasheet HTML 1Page - Texas Instruments SN54HCT652FK Datasheet HTML 2Page - Texas Instruments SN54HCT652FK Datasheet HTML 3Page - Texas Instruments SN54HCT652FK Datasheet HTML 4Page - Texas Instruments SN54HCT652FK Datasheet HTML 5Page - Texas Instruments SN54HCT652FK Datasheet HTML 6Page - Texas Instruments SN54HCT652FK Datasheet HTML 7Page - Texas Instruments SN54HCT652FK Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SN54HCT652, SN74HCT652
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCLS179B – MARCH 1984 – REVISED MAY 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
SN54HCT652
SN74HCT652
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
VCC = 4.5 V to 5.5 V
2
2
V
VIL
Low-level input voltage
VCC = 4.5 V to 5.5 V
0
0.8
0
0.8
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
tt
Input transition (rise and fall) time
0
500
0
500
ns
TA
Operating free-air temperature
–55
125
–40
85
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54HCT652
SN74HCT652
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
VI =VIH or VIL
IOH = –20 µA
45 V
4.4
4.499
4.4
4.4
V
VOH
VI = VIH or VIL
IOH = –6 mA
4.5 V
3.98
4.3
3.7
3.84
V
VOL
VI =VIH or VIL
IOL = 20 µA
45 V
0.001
0.1
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 6 mA
4.5 V
0.17
0.26
0.4
0.33
V
II
Control inputs
VI = VCC or 0
5.5 V
±0.1
±100
±1000
±1000
nA
IOZ
A or B
VO = VCC or 0, VI = VIH or VIL,
Data = VCC or 0
5.5 V
±0.01
±0.5
±10
±5
µA
ICC
VI = VCC or 0,
IO = 0
5.5 V
8
160
80
µA
∆ICC†
One input at 0.5 V or 2.4 V,
Other inputs at 0 or VCC
5.5 V
1.4
2.4
3
2.9
mA
Ci
Control inputs
4.5 V
to 5.5 V
3
10
10
10
pF
† This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V or VCC.
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
SN54HCT652
SN74HCT652
UNIT
VCC
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
f lk
Clock frequency
4.5 V
0
25
0
17
0
20
MHz
fclock
Clock frequency
5.5 V
0
28
0
19
0
22
MHz
t
Pulse duration CLKBA or CLKAB high or low
4.5 V
20
30
25
ns
tw
Pulse duration, CLKBA or CLKAB high or low
5.5 V
18
27
23
ns
t
Set p time A before CLKAB
↑ or B before CLKBA↑
4.5 V
15
23
19
ns
tsu
Setup time, A before CLKAB
↑ or B before CLKBA↑
5.5 V
14
21
17
ns
th
Hold time A after CLKAB
↑ or B after CLKBA↑
4.5 V
5
5
5
ns
th
Hold time, A after CLKAB
↑ or B after CLKBA↑
5.5 V
5
5
5
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn