Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2112PCW Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2112PCW
Description  LED Tipped Actuators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2112PCW Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2112PCW Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2112PCW Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2112PCW Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2112PCW Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2112PCW Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2112PCW Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2112PCW Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2112PCW Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
LED Tipped Actuators
Series M2100
General Specifications
Electrical Capacity (Resistive Load)
Power Level (code W):
6A @ 125V AC or 3A @ 250V AC or 3A @ 30V DC
Logic Level (code G):
0.4VA maximum @ 28V AC/DC maximum
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Note: Find additional explanation of operating range in Supplement section.
Other Ratings
Contact Resistance:
10 milliohms maximum for silver; 20 milliohms maximum for gold
Insulation Resistance:
1,000 megohms minimum @ 500V DC
Dielectric Strength:
1,000V AC minimum between contacts for 1 minute minimum;
1,500V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
50,000 operations minimum
Electrical Life:
25,000 operations minimum
Nominal Operating Force:
On-to-On Position
Off-to-On Position
Toggles & Paddles
Single Pole
3.19N
3.92N
Double Pole
4.41N
7.06N
Rockers
Single Pole
6.37N
9.80N
Double Pole
13.73N
17.65N
Angle of Throw:
20°
Materials & Finishes
Bushing:
Brass with nickel plating
Housing:
Stainless steel
Mounting Bracket:
Steel with tin plating
Movable Contacts:
Silver alloy or silver alloy with gold plating
Stationary Contacts:
Silver with silver plating or copper or brass with gold plating
Lamp Contacts:
Phosphor bronze
Base:
Diallyl phthalate (UL94V-0)
Switch Terminals:
Copper with silver or gold plating
Lamp Terminals:
Brass with silver or gold plating
Environmental Data
Operating Temp Range:
–10°C through +55°C (+14°F through +131°F) for toggles & rockers
–25°C through +70°C (–13°F through +158°F) for paddles
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range
& returning in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Installation
Mounting Torque:
1.47Nm (13 lbin) for double nut; .67Nm (6 lbin) for single nut
Soldering Time & Temp:
Wave Soldering (PC version): See Profile B in Supplement section.
Manual Soldering: See Profile B in Supplement section.
Note: Lever must be in center position while soldering.
Cleaning:
PC mountable device is not process sealed. Hand clean locally using alcohol based solution.
Standards & Certifications
Flammability Standards:
UL94V-0 base
UL Recognized:
Single pole toggles & rockers with synchronous circuits & solder lug or PC recognized at 6A @
125V AC; UL File No. WOYR2.E44145; add “/U” to end of part number to order UL mark on switch.
CSA Certified:
All single pole toggles & rockers with synchronous circuits certified at 6A @ 125V AC; CSA
File No. 023535-0-000; add “/C” to end of part number to order CSA mark on switch.


Similar Part No. - M2112PCW

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2112PCW01-A NKK-M2112PCW01-A Datasheet
644Kb / 6P
   General Specifications
M2112PCW01-B NKK-M2112PCW01-B Datasheet
644Kb / 6P
   General Specifications
M2112PCW02-A NKK-M2112PCW02-A Datasheet
644Kb / 6P
   General Specifications
M2112PCW02-B NKK-M2112PCW02-B Datasheet
644Kb / 6P
   General Specifications
M2112PCW03-A NKK-M2112PCW03-A Datasheet
644Kb / 6P
   General Specifications
More results

Similar Description - M2112PCW

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2112LCW01 NKK-M2112LCW01 Datasheet
284Kb / 12P
   LED Tipped Toggles
logo
List of Unclassifed Man...
28731 ETC1-28731 Datasheet
22Kb / 2P
   Super cut, Tungsten carbide tipped, Tungsten carbide tipped, Diamond coated
logo
ITT Industries
CKHARDWARE ITT-CKHARDWARE Datasheet
1Mb / 23P
   AUXILIARY ACTUATORS
logo
HOKURIKU ELECTRIC INDUS...
E3462AA HOKURIKU-E3462AA Datasheet
118Kb / 1P
   Piezoelectric Actuators
logo
Copal Electronics
PLG10-8000 COPAL-PLG10-8000 Datasheet
217Kb / 2P
   STEPPING ACTUATORS
logo
Littelfuse
57050-000 LITTELFUSE-57050-000 Datasheet
248Kb / 1P
   Magnets and Actuators
11/03/15
logo
NEC
AE0203D04DF NEC-AE0203D04DF Datasheet
1Mb / 27P
   Multilayer Piezoelectric Actuators
logo
promoco-motors.com
42BYGL PROMOCO-42BYGL Datasheet
319Kb / 1P
   Hybrid Linear Actuators
57BYGHL PROMOCO-57BYGHL Datasheet
350Kb / 1P
   Hybrid Linear Actuators
logo
Kemet Corporation
AE0505D44H40DF KEMET-AE0505D44H40DF Datasheet
476Kb / 13P
   Multilayer Piezoelectric Actuators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com