Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2112REW Datasheet(PDF) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2112REW
Description  LED Tipped Actuators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2112REW Datasheet(HTML) 8 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2112REW Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2112REW Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2112REW Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2112REW Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2112REW Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2112REW Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2112REW Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2112REW Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
LED Tipped Actuators
Series M2100
W
Gold over Brass or Copper
Logic Level
0.4VA maximum @ 28V AC/DC maximum
Silver over Silver
Power Level
6A @ 125V AC & 3A @ 250V AC
G
CONTACT MATERIALS & RATINGS
Complete explanation of operating range in Supplement section.
TERMINALS
Solder Lug with
Turret LED Terminal
01
Straight PC with
Turret LED Terminal
03
Straight PC with Bracket
& Turret LED Terminal
13
Right Angle PC
30
Optional Hardware: Knurled nuts, dress nuts, and ON-OFF plates are available; see details in Accessories & Hardware section.
Single Pole
Double Pole
Quick Connect
02
Single color LED
switch does not
have terminal 5.
Single color LED
switch does not
have terminal 8.
Single color LED
switch does not
have terminal 5.
STANDARD MOUNTING HARDWARE
AT513H
Hexagon Nuts (2 per switch)
Material: Brass with nickel plating
AT507H
Locking Ring (1 per switch)
Material: Steel with chromate over zinc
AT509
Lockwasher (1 per switch)
Material: Steel with chromate over zinc
Epoxy Seal
(6.35)
.250
(4.8)
.189
(4.8)
.189
(1.17)
.046
(4.0)
.157
(2.0)
.079
(1.1)
.043
(2.0)
.079
Thk = (0.8) Typ
.031
Epoxy Seal
(6.35)
.250
(4.8)
.189
(4.8)
.189
Thk = (0.8) Typ
.031
(1.17) Typ
.046
Epoxy Seal
(6.35)
.250
(4.8)
.189
(4.8)
.189
Thk = (0.8) Typ
.031
(1.57) Typ
.062
(4.7) Typ
.185
(4.8)
.189
(1.8) Dia Typ
.073
1
2
3
6
5
4
(4.8) Typ
.189
(4.7) Typ
.185
(1.8) Dia Typ
.073
1
2
3
6
5
4
7
8
9
2
1
4
5
6
3
(1.6) Typ
.063
(2.4) Typ
.095
(7.9) Typ
.311
(4.7) Typ
.185
(1.8) Dia Typ
.073
(1.5) Dia Typ
.059
CL
(3.81)
.150
(4.7) Typ
.185
(1.8) Dia Typ
.073
1
2
3
(16.4)
.646
(2.54) Typ
.100
4
5
6
(9.0)
.354
(1.5)
.059
(8.0)
.315
1/4-40 Thd
(2.0)
.079
(5.5) or
.229
(6.35) Dia
.250
(12.0) Dia
.472
(1.7)
.067
(0.8)
.031
(0.5)
.020
(6.4) Dia
.252
(10.2) Dia
.402


Similar Part No. - M2112REW

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2112REW01-A NKK-M2112REW01-A Datasheet
644Kb / 6P
   General Specifications
M2112REW01-B NKK-M2112REW01-B Datasheet
644Kb / 6P
   General Specifications
M2112REW02-A NKK-M2112REW02-A Datasheet
644Kb / 6P
   General Specifications
M2112REW02-B NKK-M2112REW02-B Datasheet
644Kb / 6P
   General Specifications
M2112REW03-A NKK-M2112REW03-A Datasheet
644Kb / 6P
   General Specifications
More results

Similar Description - M2112REW

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2112LCW01 NKK-M2112LCW01 Datasheet
284Kb / 12P
   LED Tipped Toggles
logo
List of Unclassifed Man...
28731 ETC1-28731 Datasheet
22Kb / 2P
   Super cut, Tungsten carbide tipped, Tungsten carbide tipped, Diamond coated
logo
ITT Industries
CKHARDWARE ITT-CKHARDWARE Datasheet
1Mb / 23P
   AUXILIARY ACTUATORS
logo
HOKURIKU ELECTRIC INDUS...
E3462AA HOKURIKU-E3462AA Datasheet
118Kb / 1P
   Piezoelectric Actuators
logo
Copal Electronics
PLG10-8000 COPAL-PLG10-8000 Datasheet
217Kb / 2P
   STEPPING ACTUATORS
logo
Littelfuse
57050-000 LITTELFUSE-57050-000 Datasheet
248Kb / 1P
   Magnets and Actuators
11/03/15
logo
NEC
AE0203D04DF NEC-AE0203D04DF Datasheet
1Mb / 27P
   Multilayer Piezoelectric Actuators
logo
promoco-motors.com
42BYGL PROMOCO-42BYGL Datasheet
319Kb / 1P
   Hybrid Linear Actuators
57BYGHL PROMOCO-57BYGHL Datasheet
350Kb / 1P
   Hybrid Linear Actuators
logo
Kemet Corporation
AE0505D44H40DF KEMET-AE0505D44H40DF Datasheet
476Kb / 13P
   Multilayer Piezoelectric Actuators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com