Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB2461S1A01 Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2461S1A01
Description  Snap-Action Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2461S1A01 Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  MB2461S1A01 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MB2461S1A01 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MB2461S1A01 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MB2461S1A01 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MB2461S1A01 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MB2461S1A01 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Snap-Action Bushing Mount
Series MB2400
Note: This dual rated option is suitable when two or more identical switches are used in logic and in power circuits
within the same application. See Supplement section for complete explanation of dual rating and operating range.
W
Gold over Brass or Copper
Logic Level
0.4VA maximum @ 28V AC/DC maximum
Silver over Silver
Power Level
3A @ 125V AC
Gold over Silver
G
CONTACT MATERIALS & RATINGS
Note: Complete explanation of operating range in Supplement section.
Power Level
3A @ 125V AC
or Logic Level
or 0.4VA maximum @ 28V AC/DC maximum
CAPS & CAP COLORS
F
AT475
.201” (5.1mm)
Diameter Cap
AT496
.295” (7.5mm)
Diameter Cap
H
Cap Colors
Available:
A
B
C
Black
White
Red
Material: Polyamide
Finish: Glossy
Material: Polyamide
Finish: Glossy
TERMINALS
Solder Lug
01
.425” (10.8mm)
Wirewrap or Extended PC
05
.750” (19.05mm)
Wirewrap or Extended PC
06
.964” (24.5mm)
Wirewrap or Extended PC
07
Refer to the
footprints if using
as extended PC
terminal.
Dimension A =
terminal lengths as
shown beside the
code boxes above.
Single Pole
Double Pole
.250” (6.35mm)
Straight PC
03
Epoxy Seal
(4.8)
.189
(6.35)
.250
(1.17)
.046
Thk = (0.8)
.031
Thk = (0.8)
.031
Epoxy Seal
A
(1.27)
.050
(4.7) Typ
.185
(1.8) Dia Typ
.073
1
2
3
(4.7) Typ
.185
(4.8)
.189
(1.8) Dia Typ
.073
1
2
3
6
5
4
Epoxy Seal
(2.0)
.079
(2.0)
.079
(4.0)
.157
(1.1)
.043
Thk = (0.8)
.031
(5.1) Dia
.201
(4.0)
.157
(6.4)
.253
(7.5) Dia
.295
(4.0)
.157
(6.4)
.253
A


Similar Part No. - MB2461S1A01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2461S1A13 NKK-MB2461S1A13 Datasheet
255Kb / 8P
   Snap-Action Pushbuttons
MB2461S1A15 NKK-MB2461S1A15 Datasheet
255Kb / 8P
   Snap-Action Pushbuttons
MB2461S1A17 NKK-MB2461S1A17 Datasheet
255Kb / 8P
   Snap-Action Pushbuttons
MB2461S1A23 NKK-MB2461S1A23 Datasheet
255Kb / 8P
   Snap-Action Pushbuttons
MB2461S1A25 NKK-MB2461S1A25 Datasheet
255Kb / 8P
   Snap-Action Pushbuttons
More results

Similar Description - MB2461S1A01

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
   Snap-Action Pushbuttons
MB2411A2W13 NKK-MB2411A2W13 Datasheet
255Kb / 8P
   Snap-Action Pushbuttons
SCB15P15A-1A NKK-SCB15P15A-1A Datasheet
189Kb / 3P
   Snap Switch Pushbuttons
SCB25P15A-4CA NKK-SCB25P15A-4CA Datasheet
110Kb / 3P
   Snap Switch Pushbuttons
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com