Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB2461E1W07 Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2461E1W07
Description  Snap-Action Pushbuttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2461E1W07 Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  MB2461E1W07 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MB2461E1W07 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MB2461E1W07 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MB2461E1W07 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MB2461E1W07 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MB2461E1W07 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Snap-Action Bushing Mount
Series MB2400
CAP COLORS
A
Black
B
White
C
Red
TYPICAL SWITCH ORDERING EXAMPLE
A
F
MB24
SPDT ON-(ON) Circuit
Solder Lug Terminals
POLES & CIRCUITS
11
SPDT
ON
(ON)
61
DPDT
ON
(ON)
( ) = Momentary
W
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
MB2411E1W01-FA
CAPS
F
.201” (5.1mm)
Diameter
H
.295” (7.5mm)
Diameter
CONTACT MATERIALS
& RATINGS
W
Silver
Rated 3A @ 125V AC
G
Gold
Rated 0.4VA max @
28V AC/DC max
A
Gold over Silver
Rated 3A @ 125V AC
& 0.4VA max @ 28V
AC/DC max
E1
01
BUSHINGS
E1
.285” (7.24mm)
Threaded with D Flat
E2
.285” (7.24mm)
Smooth with D Flat
A1
.280” (7.1mm)
Threaded with Keyway
A2
.280” (7.1mm)
Smooth with Keyway
S1
.350” (8.9mm)
Threaded with Keyway
S2
.350” (8.9mm)
Smooth with Keyway
TERMINALS
01
Solder Lug
03
.250” (6.35mm) Straight PC
05
.425” (10.8mm) Wirewrap
06
.750” (19.05mm) Wirewrap
07
.964” (24.5mm) Wirewrap
Black .201” (5.1mm) Diameter Cap
Silver Contacts with
3-Amp Rating
.285” (7.24mm) Threaded Bushing
with D Flat
11
IMPORTANT:
Switches are supplied without UL,
C-UL, & CSA markings unless
specified. Specific models & rat-
ings noted on General Specifica-
tions page.


Similar Part No. - MB2461E1W07

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2461E1W13 NKK-MB2461E1W13 Datasheet
255Kb / 8P
   Snap-Action Pushbuttons
MB2461E1W15 NKK-MB2461E1W15 Datasheet
255Kb / 8P
   Snap-Action Pushbuttons
MB2461E1W17 NKK-MB2461E1W17 Datasheet
255Kb / 8P
   Snap-Action Pushbuttons
MB2461E1W23 NKK-MB2461E1W23 Datasheet
255Kb / 8P
   Snap-Action Pushbuttons
MB2461E1W25 NKK-MB2461E1W25 Datasheet
255Kb / 8P
   Snap-Action Pushbuttons
More results

Similar Description - MB2461E1W07

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
   Snap-Action Pushbuttons
MB2411A2W13 NKK-MB2411A2W13 Datasheet
255Kb / 8P
   Snap-Action Pushbuttons
SCB15P15A-1A NKK-SCB15P15A-1A Datasheet
189Kb / 3P
   Snap Switch Pushbuttons
SCB25P15A-4CA NKK-SCB25P15A-4CA Datasheet
110Kb / 3P
   Snap Switch Pushbuttons
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com