Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2025TNA Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2025TNA
Description  Miniature Rockers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2025TNA Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2025TNA Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2025TNA Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2025TNA Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2025TNA Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2025TNA Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2025TNA Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2025TNA Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2025TNA Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2025TNA Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Flat Frame Mount Miniature Rockers
Series M
TN
TYPICAL SWITCH ORDERING EXAMPLE
M20
SPDT ON-NONE-ON Circuit
CONTACT MATERIALS
& RATINGS
W
Silver; Rated 6A @ 125V
AC & 3A @ 250V AC
G
Gold; Rated 0.4VA max @
28V AC/DC max
A
Gold over Silver; Rated
6A @ 125V AC & 0.4VA
max @ 28V AC/DC max
IMPORTANT:
Switches are supplied without UL
& CSA marking unless specified.
Specific models & ratings noted on
General Specifications page.
Red .365” (9.27mm)
Wide Rocker
TERMINALS
01 Solder Lug
03 .250” (6.35mm)
Straight PC
.272” (6.9mm) Wide Flat Frame
Silver Contacts with 6-Amp Rating
ROCKERS & PADDLES
Small Actuators (TN Frame)
D
.365” (9.27mm)
Wide Rocker
E
.365” (9.27mm)
Wide Paddle
F
.450” (11.43mm)
Wide Rocker
G
.450” (11.43mm)
Wide Paddle
Large Actuators (TY Frame)
J
.595” (15.11mm)
Wide Rocker
H
.595” (15.11mm)
Wide Paddle
ROCKER & PADDLE
COLORS
A
Black
B
White
C
Red
E
Yellow
F
Green
G
Blue
H
Gray
W
1
01
2
CIRCUITS
2
ON
NONE
ON
3
ON
OFF
ON
5
ON
NONE (ON)
8 (ON)
OFF
(ON)
9
ON
OFF
(ON)
4
ON
ON
ON
6 (ON)
ON
(ON)
7
ON
ON
(ON)
( ) = Momentary
3-ON circuits
*
*
*
*
MOUNTING FRAMES
TN
.272” (6.9mm) Wide
Flat Frame
TY
.504” (12.8mm) Wide
Flat Frame
D
C
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
M2012TNW01-DC
POLES
1
SPDT
2
DPDT
SP3T
3
3PDT
4
4PDT
DP3T
Solder Lug Terminals


Similar Part No. - M2025TNA

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2025TJA01-FA NKK-M2025TJA01-FA Datasheet
2Mb / 29P
   General Specifications
M2025TJA01-FB NKK-M2025TJA01-FB Datasheet
2Mb / 29P
   General Specifications
M2025TJA01-FC NKK-M2025TJA01-FC Datasheet
2Mb / 29P
   General Specifications
M2025TJA01-FE NKK-M2025TJA01-FE Datasheet
2Mb / 29P
   General Specifications
M2025TJA01-GA NKK-M2025TJA01-GA Datasheet
2Mb / 29P
   General Specifications
More results

Similar Description - M2025TNA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M2012TNW01-DC ETC2-M2012TNW01-DC Datasheet
282Kb / 10P
   Miniature Rockers
M2013TXG41-DC ETC2-M2013TXG41-DC Datasheet
367Kb / 12P
   Miniature Rockers
M2012TJW01-FC-1A ETC2-M2012TJW01-FC-1A Datasheet
1,001Kb / 9P
   Miniature Rockers
logo
Nihon Kaiheiki Industry...
CWSA11AANS NKK-CWSA11AANS Datasheet
266Kb / 6P
   Miniature Power Rockers
CWSB21CACF NKK-CWSB21CACF Datasheet
136Kb / 4P
   Neon Miniature Power Rockers
CWSC21JCACS NKK-CWSC21JCACS Datasheet
207Kb / 5P
   LED Miniature Power Rockers
M2T12TXW13-D NKK-M2T12TXW13-D Datasheet
253Kb / 7P
   Process Sealed Miniature Rockers
MLW3025-12-DC-1A NKK-MLW3025-12-DC-1A Datasheet
591Kb / 7P
   Snap-in Miniature Rockers
MLW3012-00-RA-1A NKK-MLW3012-00-RA-1A Datasheet
756Kb / 7P
   Snap-in Miniature Rockers
MLW3012-00 NKK-MLW3012-00 Datasheet
535Kb / 7P
   Snap-in Miniature Rockers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com