Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2112NFG Datasheet(PDF) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2112NFG
Description  LED Tipped Actuators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2112NFG Datasheet(HTML) 7 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2112NFG Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2112NFG Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2112NFG Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2112NFG Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2112NFG Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2112NFG Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2112NFG Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2112NFG Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
LED Tipped Actuators
Series M2100
20
°
(3.2)
.126
(2.8)
.110
(7.1)
.280
(13.7)
.539
(0.5)
.020
(5.9) R
.232
(4.5)
.177
TYPICAL PADDLE SWITCH DIMENSIONS
Solder Lug • Snap-in
Single Pole Only
M2112JCFW01
Single color LED switch does not have terminal 5.
Straight PC • Bracket
Single Pole Only
M2112JCFW13
Silver contact material is standard. Single color LED switch does not have terminal 5.
AT2107 Bezel for Snap-in Panel Frame
Material: Polyamide
Finish: Matte
Colors Available:
LED CIRCUIT, PADDLE, & MOUNTING TYPE COMBINATIONS
Paddle with Isolated
LED Circuit
P
Paddle with
Synchronous
LED Circuit
J
Snap-in combines with
Terminal codes 01, 02, & 03
Bracket combines with
Terminal code 13
Maximum
Panel
Thickness
.126” (3.2mm)
Material: Polyamide
Finish: Matte
Color: Black
A Black
Maximum Panel Thickness
.039” ~ .126” (1.0 ~ 3.2mm)
without Bezel
.039” ~ .098” (1.0 ~ 2.5mm)
with Bezel
(12.7)
.500
(12.4)
.490
(13.1)
.516
(15.9)
.626
OPTIONAL BEZEL & COLORS
(11.8)
.465
(21.5)
.846
(12.0)
.472
(15.6)
.614
(2.2)
.087
(13.1)
.516
(15.9)
.626
B White C Red
E Yellow
F Green
G Blue
H Gray
(18.0)
.709
(2.0)
.079
(5.0)
.197
(11.5)
.453
(12.2)
.480
20
°
(3.2)
.126
(2.8)
.110
(7.1)
.280
(13.7)
.539
(26.5)
1.043
(6.35)
.250
(4.8)
.189
(4.7) Typ
.185
(0.8) Typ
.031
(0.5)
.020
6
3
2
5
4
1
(13.0)
.512
(2.0) Typ
.079
(1.17) Typ
.046
(4.8)
.189
(12.7)
.500
(2.0)
.079
(5.0)
.197
(9.0)
.354
(11.5)
.453
(6.35)
.250
(4.5)
.177
(4.7) Typ
.185
(0.8) Typ
.031
(3.5)
.138
(20.2)
.795
(15.8)
.622
(0.5) Typ
.020
20
°
(3.2)
.126
(20.1)
.791
6
3
2
5
4
1
(9.0)
.354
(3.2) Typ
.126
(13.0)
.512
(1.17) Typ
.046
(1.17) Typ
.046
(4.8)
.189
(12.7)
.500
20
°
(3.2)
.126
(3.5)
.138
(20.1)
.791
(5.9) R
.232
(4.5)
.177


Similar Part No. - M2112NFG

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2112NFG01-A NKK-M2112NFG01-A Datasheet
644Kb / 6P
   General Specifications
M2112NFG01-B NKK-M2112NFG01-B Datasheet
644Kb / 6P
   General Specifications
M2112NFG02-A NKK-M2112NFG02-A Datasheet
644Kb / 6P
   General Specifications
M2112NFG02-B NKK-M2112NFG02-B Datasheet
644Kb / 6P
   General Specifications
M2112NFG03-A NKK-M2112NFG03-A Datasheet
644Kb / 6P
   General Specifications
More results

Similar Description - M2112NFG

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2112LCW01 NKK-M2112LCW01 Datasheet
284Kb / 12P
   LED Tipped Toggles
logo
List of Unclassifed Man...
28731 ETC1-28731 Datasheet
22Kb / 2P
   Super cut, Tungsten carbide tipped, Tungsten carbide tipped, Diamond coated
logo
ITT Industries
CKHARDWARE ITT-CKHARDWARE Datasheet
1Mb / 23P
   AUXILIARY ACTUATORS
logo
HOKURIKU ELECTRIC INDUS...
E3462AA HOKURIKU-E3462AA Datasheet
118Kb / 1P
   Piezoelectric Actuators
logo
Copal Electronics
PLG10-8000 COPAL-PLG10-8000 Datasheet
217Kb / 2P
   STEPPING ACTUATORS
logo
Littelfuse
57050-000 LITTELFUSE-57050-000 Datasheet
248Kb / 1P
   Magnets and Actuators
11/03/15
logo
NEC
AE0203D04DF NEC-AE0203D04DF Datasheet
1Mb / 27P
   Multilayer Piezoelectric Actuators
logo
promoco-motors.com
42BYGL PROMOCO-42BYGL Datasheet
319Kb / 1P
   Hybrid Linear Actuators
57BYGHL PROMOCO-57BYGHL Datasheet
350Kb / 1P
   Hybrid Linear Actuators
logo
Kemet Corporation
AE0505D44H40DF KEMET-AE0505D44H40DF Datasheet
476Kb / 13P
   Multilayer Piezoelectric Actuators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com