Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB16SKW01-F Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # LB16SKW01-F
Description  Standard Size Pushbuttons
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

LB16SKW01-F Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  LB16SKW01-F Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. LB16SKW01-F Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. LB16SKW01-F Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. LB16SKW01-F Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. LB16SKW01-F Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. LB16SKW01-F Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. LB16SKW01-F Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. LB16SKW01-F Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. LB16SKW01-F Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Standard Size Pushbuttons
Series LB
General Specifications
Electrical Capacity (Resistive Load)
Power Level (silver):
3A @ 125V AC or 3A @ 250V AC or 3A @ 30V DC
Logic Level (gold):
0.4VA maximum @ 28V AC/DC maximum
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Note: Find additional explanation in Supplement section.
Other Ratings
Contact Resistance:
50 milliohms maximum for silver; 100 milliohms maximum for gold
Insulation Resistance:
200 megohms minimum @ 500V DC
Dielectric Strength:
1,000V AC minimum between contacts for 1 minute minimum;
1,500V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
1,000,000 operations minimum for momentary circuit
200,000 operations minimum for maintained circuit
Electrical Life:
100,000 operations minimum
Nominal Operating Force:
4.41N
Contact Timing:
Nonshorting (break-before-make)
Travel:
Pretravel .059” (1.5mm); Overtravel .059” (1.5mm); Total Travel .118” (3.0mm)
Pretravel .087” (2.2mm); Overtravel .031” (0.8mm); Total Travel .118” (3.0mm)
Materials & Finishes
Housing:
Glass fiber reinforced polyamide (UL94V-0)
Snap-in Frame:
Stainless steel
Movable Contact:
Silver alloy or copper with gold plating
Stationary Contacts:
Silver alloy or copper with gold plating
Base:
Liquid crystal polymer (UL94V-0)
Terminals:
Phosphor bronze with silver or gold plating
Environmental Data
Operating Temp Range:
–25°C through +70°C (–13°F through +158°F)
Note: When used with a polyvinyl chloride splash cover, the lowest limit is 0°C (32°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in
1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Sealing:
Not available for snap-in; see next section for panel seal.
Installation
Cap Installation Force:
3.92N maximum downward force on cap
Quick Connect Force:
52.95N maximum downward force on connector
Soldering Time & Temperature:
Manual Soldering: See Profile A in Supplement section.
Standards & Certifications
Flammability Standards:
UL94V-0 housing & base
UL & C-UL Recognized:
All models recognized at 3A @ 125V or 250V AC or 0.4VA @ 28V AC/DC maximum;
UL File No. WOYR2.E44145; add “/U” to end of part number to order UL mark on switch;
C-UL File No. WOYR8.E44145; add “/C-UL” to end of part number to order C-UL mark on switch.
CSA Certified:
All models certified at 3A @ 125V or 250V AC or 0.4VA @ 28V AC/DC maximum;
CSA File Nos. 023535-0-000; add “/C” to end of part number to order CSA mark on switch.
R


Similar Part No. - LB16SKW01-F

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
LB16SKW01-FJ NKK-LB16SKW01-FJ Datasheet
697Kb / 20P
   General Specifications
More results

Similar Description - LB16SKW01-F

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
LB15SKW01-05-BJ NKK-LB15SKW01-05-BJ Datasheet
386Kb / 10P
   Standard Size Pushbuttons
logo
List of Unclassifed Man...
LB15SKW01-5C12-JC ETC2-LB15SKW01-5C12-JC Datasheet
933Kb / 12P
   Standard Size Pushbuttons
logo
Nihon Kaiheiki Industry...
LB15SKW01 NKK-LB15SKW01 Datasheet
2Mb / 20P
   Standard Size Pushbuttons
logo
List of Unclassifed Man...
LB16WKW01-5C12-JC ETC2-LB16WKW01-5C12-JC Datasheet
608Kb / 9P
   Standard Size Pushbuttons
logo
Nihon Kaiheiki Industry...
LB15WKW01-BJ NKK-LB15WKW01-BJ Datasheet
237Kb / 6P
   Standard Size Panel Seal Pushbuttons
logo
GREATECS
LB15SKW01-12-CJ GREATECS-LB15SKW01-12-CJ Datasheet
460Kb / 10P
   Standard Size Snap-in Pushbuttons
logo
List of Unclassifed Man...
ABD-100 ETC2-ABD-100 Datasheet
2Mb / 30P
   TWTD Series Full Size NEMA Pushbuttons
logo
IDEC Corporation
ABD311NUR IDEC-ABD311NUR Datasheet
2Mb / 30P
   New TWND Series — Full Size NEMA Pushbuttons
logo
C&K Components
1.15108.4510000 CK-COMPONENTS-1.15108.4510000 Datasheet
1Mb / 83P
   Pushbuttons
logo
List of Unclassifed Man...
HB15SKW01-6G-JB ETC2-HB15SKW01-6G-JB Datasheet
379Kb / 6P
   Subminiature Pushbuttons
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com