Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M2113PCFG Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2113PCFG
Description  LED Tipped Actuators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2113PCFG Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2113PCFG Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2113PCFG Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2113PCFG Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2113PCFG Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2113PCFG Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2113PCFG Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2113PCFG Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2113PCFG Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
LED Tipped Actuators
Series M2100
TYPICAL SWITCH ORDERING EXAMPLE
1
T
M21
SPDT
ON-NONE-ON Switch Circuit
Synchronous LED Circuit
in Toggle Actuator
CIRCUITS
2
ON
NONE
ON
3
ON
OFF
ON
CONTACT MATERIALS
& RATINGS
W
Silver; Rated
6A @ 125V AC
G
Gold; Rated 0.4VA max
@ 28V AC/DC max
2
IMPORTANT:
Switches are supplied without UL
& CSA marking unless specified.
Specific models & ratings noted on
General Specifications page.
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
M2112TCW01
W
LED COLORS
Single Color
C
Red
E
Yellow
F
Green
Bicolor
CF
Red/Green
01
Solder Lug with Threaded Bushing
02
Quick Connect with Threaded Bushing
03
Straight PC with Threaded Bushing
30 Right Angle PC with Smooth Bushing
(available with gold contacts only)
POLES
1
SPDT
* 2
DPDT
* Available only w/ Toggles &
Rockers w/Terminals 01, 02, 03
Silver Contacts with 6-amp Rating
Solder Lug Terminals
OPTIONAL BEZEL
& COLORS
For Snap-in Frame
A
Black
B
White
C
Red
E
Yellow
F
Green
G
Blue
H
Gray
Red LED
C
01
Paddle
P
Isolated
J
Synchronous
Rocker
R
Isolated
N
Synchronous
Toggle
L
Isolated
T
Synchronous
LED CIRCUITS &
ACTUATOR TYPES
01
Solder Lug with Flat Frame
02
Quick Connect with Flat Frame
03
Straight PC with Flat Frame
13
Straight PC with Bracket Mount
TERMINALS &
MOUNTING TYPES
01
Solder Lug with Snap-in Frame
02
Quick Connect with Snap-in Frame
03
Straight PC with Snap-in Frame
13
Straight PC with Bracket Mount


Similar Part No. - M2113PCFG

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2113PCFG01-A NKK-M2113PCFG01-A Datasheet
644Kb / 6P
   General Specifications
M2113PCFG01-B NKK-M2113PCFG01-B Datasheet
644Kb / 6P
   General Specifications
M2113PCFG02-A NKK-M2113PCFG02-A Datasheet
644Kb / 6P
   General Specifications
M2113PCFG02-B NKK-M2113PCFG02-B Datasheet
644Kb / 6P
   General Specifications
M2113PCFG03-A NKK-M2113PCFG03-A Datasheet
644Kb / 6P
   General Specifications
More results

Similar Description - M2113PCFG

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
M2112LCW01 NKK-M2112LCW01 Datasheet
284Kb / 12P
   LED Tipped Toggles
logo
List of Unclassifed Man...
28731 ETC1-28731 Datasheet
22Kb / 2P
   Super cut, Tungsten carbide tipped, Tungsten carbide tipped, Diamond coated
logo
ITT Industries
CKHARDWARE ITT-CKHARDWARE Datasheet
1Mb / 23P
   AUXILIARY ACTUATORS
logo
HOKURIKU ELECTRIC INDUS...
E3462AA HOKURIKU-E3462AA Datasheet
118Kb / 1P
   Piezoelectric Actuators
logo
Copal Electronics
PLG10-8000 COPAL-PLG10-8000 Datasheet
217Kb / 2P
   STEPPING ACTUATORS
logo
Littelfuse
57050-000 LITTELFUSE-57050-000 Datasheet
248Kb / 1P
   Magnets and Actuators
11/03/15
logo
NEC
AE0203D04DF NEC-AE0203D04DF Datasheet
1Mb / 27P
   Multilayer Piezoelectric Actuators
logo
promoco-motors.com
42BYGL PROMOCO-42BYGL Datasheet
319Kb / 1P
   Hybrid Linear Actuators
57BYGHL PROMOCO-57BYGHL Datasheet
350Kb / 1P
   Hybrid Linear Actuators
logo
Kemet Corporation
AE0505D44H40DF KEMET-AE0505D44H40DF Datasheet
476Kb / 13P
   Multilayer Piezoelectric Actuators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com