Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2W04M Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # 2W04M
Description  SINGLE-PHASE SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

2W04M Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  2W04M Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 2W04M Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dated : 26/09/2003
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
2W005M THRU 2W10M
SINGLE-PHASE SILICON BRIDGE RECTIFIERS
Reverse Voltage – 50 to 1000 Volts
Forward Current – 2.0 Amperes
Features
• Surge overload ratings to 50 amperes peak
• Ideal for printed circuit board
• Reliable low cost construction technique results
in inexpensive product
• High temperature soldering guaranteed:
250oC/10 seconds/0.375”(9.5mm) lead
length at 5 lbs., (2.3kg) tension.
Mechanical Data
• Case: Molded plastic
• Lead: Solder plated
• Polarity: As marked
Absolute Maximum Ratings and Characteristics
Rating at 25
oC ambient temperature unless otherwise specified. Single-phase, half wave, 60Hz, resistive or
inductive load. For capacitive load, derate current by 20%.
Symbols
2W
005M
2W
01M
2W
02M
2W
04M
2W
06M
2W
08M
2W
10M
Units
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
at TA = 50
OC
I(AV)
2
A
Peak forward surge current ,
8.3ms single half sine-wave superimposed
on rated load
(JEDEC method)
IFSM
50
A
Maximum instantaneous forward voltage @ 2A
VF
1.1
V
Maximum DC reverse current
@ TA = 25
OC
at rated DC blocking voltage
@ TA = 100
OC
IR
IR
10
500
uA
uA
Typical thermal resistance(Note 1)
RθJA
RθJL
40
15
OC/W
OC/W
Operating temperature range
TJ
-55 to +125
OC
Storage temperature range
TS
-55 to +150
OC
Note: (1) Thermal resistance from junction to ambient and from junction to lead at 0.375” (9.5mm) lead length for
P.C.B. mounting.


Similar Part No. - 2W04M

ManufacturerPart #DatasheetDescription
logo
Surge Components
2W04M SURGE-2W04M Datasheet
123Kb / 2P
   SINGLE PHASE 2.0 AMPS. SILICON BRIDGE RECTIFIERS????
logo
DONGGUAN YOU FENG WEI E...
2W04M YFWDIODE-2W04M Datasheet
295Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
2W04M TSC-2W04M Datasheet
75Kb / 2P
   Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
logo
GeneSiC Semiconductor, ...
2W04M GENESIC-2W04M Datasheet
290Kb / 3P
   Single Phase Silicon Bridge Rectifier
logo
Taiwan Semiconductor Co...
2W04M TSC-2W04M Datasheet
262Kb / 2P
   Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
More results

Similar Description - 2W04M

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
GBP301G DACHANG-GBP301G Datasheet
284Kb / 2P
   Single phase Silicon Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBPC10005 SEMTECH_ELEC-KBPC10005 Datasheet
332Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBL005 SEMTECH_ELEC-KBL005 Datasheet
259Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Rugao Dachang Electroni...
GBP201G DACHANG-GBP201G Datasheet
278Kb / 2P
   Single phase Silicon Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL005 NJSEMI-KBL005 Datasheet
83Kb / 1P
   SINGLE - PHASE SILICON BRIDGE RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
KBPC10005W SEMTECH_ELEC-KBPC10005W Datasheet
329Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
RS801 SEMTECH_ELEC-RS801 Datasheet
246Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
RS10 CHENG-YI-RS10 Datasheet
145Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
KBL4005 LUGUANG-KBL4005 Datasheet
258Kb / 2P
   Single Phase 4.0AMP. Silicon Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBPC8005 SEMTECH_ELEC-KBPC8005 Datasheet
237Kb / 2P
   8A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com