Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDS160EWT Datasheet(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

Part # SDS160EWT
Description  SILICON EPITAXIAL PLANAR SWITCHING DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SDS160EWT Datasheet(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  SDS160EWT Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SDS160EWT Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. SDS160EWT Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dated : 07/04/2009
SEMTECH ELECTRONICS LTD.
(
Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
SDS160EWT
PACKAGE OUTLINE
Plastic surface mounted package; 2 leads
SOD-523
mm
A
UNIT
D
A
b
CD
E
H
V
H
ALL ROUND
E
E
p
0.70
0.60
0.4
0.3
0.135
0.127
1.25
1.15
0.85
0.75
1.7
1.5
0.1
5O


Similar Part No. - SDS160EWT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDS1000 ETC-SDS1000 Datasheet
1Mb / 2P
   super- economical type digital storage oscilloscope
SDS1000X-E ETC1-SDS1000X-E Datasheet
1Mb / 20P
   100 MHz, 200 MHz bandwidth models
SDS1000X-E-16LA ETC1-SDS1000X-E-16LA Datasheet
1Mb / 20P
   100 MHz, 200 MHz bandwidth models
SDS1000X-E-FG ETC1-SDS1000X-E-FG Datasheet
1Mb / 20P
   100 MHz, 200 MHz bandwidth models
SDS1000X-E-WIFI ETC1-SDS1000X-E-WIFI Datasheet
1Mb / 20P
   100 MHz, 200 MHz bandwidth models
More results

Similar Description - SDS160EWT

ManufacturerPart #DatasheetDescription
logo
Rohm
DA221 ROHM-DA221 Datasheet
74Kb / 4P
   Switching diode Silicon epitaxial planar
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH Datasheet
131Kb / 2P
   Silicon Epitaxial Planar Switching Diode
logo
SEMTECH ELECTRONICS LTD...
BAV70W SEMTECH_ELEC-BAV70W Datasheet
287Kb / 2P
   SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Zowie Technology Corpor...
1N4148WTGH ZOWIE-1N4148WTGH Datasheet
152Kb / 2P
   Silicon Epitaxial Planar Switching Diode
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Zibo Seno Electronic En...
1N914G ZSELEC-1N914G Datasheet
127Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1N914W ZSELEC-1N914W Datasheet
148Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1N4448 ZSELEC-1N4448 Datasheet
123Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1SS400 ZSELEC-1SS400 Datasheet
180Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
   Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com