Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB2411A1W40 Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2411A1W40
Description  Snap-Action Pushbuttons
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2411A1W40 Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  MB2411A1W40 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MB2411A1W40 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MB2411A1W40 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MB2411A1W40 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MB2411A1W40 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MB2411A1W40 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MB2411A1W40 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. MB2411A1W40 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Snap-Action Pushbuttons
Series MB2400
General Specifications
Electrical Capacity (Resistive Load)
Power Level (code W):
3A @ 125V AC
Logic Level (code G):
0.4VA maximum @ 28V AC/DC maximum (Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Logic/Power Level (code A):
Combines W & G ratings
Note: Find additional explanation of dual rating & operating range in Supplement section.
Other Ratings
Contact Resistance:
20 milliohms maximum for silver; 30 milliohms maximum for gold
Insulation Resistance:
1,000 megohms minimum @ 500V DC
Dielectric Strength:
1,000V AC minimum between contacts for 1 minute minimum;
1,500V AC minimum between contacts & case for 1 minute minimum
Mechanical Life:
200,000 operations minimum
Electrical Life:
25,000 operations minimum for silver; 100,000 operations minimum for gold
Nominal Operating Force:
Single pole 2.45N; double pole 3.92N
Travel
Pretravel .024” (0.6mm); Overtravel .016” (0.4mm); Total Travel .039” (1.0mm)
Materials & Finishes
Plunger:
Brass with nickel plating
Bushing:
Brass with nickel plating
Frame:
Stainless steel
Case:
Polybutylene terephthalate (PBT)
Base:
Diallyl phthalate resin
Movable Contactor:
Phosphor bronze with silver or gold plating
Movable Contacts:
Silver alloy (code W); copper with gold plating (code G); or silver alloy with gold plating (code A)
Stationary Contacts:
Silver alloy with silver plating (code W); copper or brass with gold plating (code G); or
silver with gold plating (code A)
Terminals:
Copper or brass with silver plating; copper or brass with gold plating
Environmental Data
Operating Temp Range:
–30°C through +85°C (–22°F through +185°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range
& returning in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 3 shocks in each direction)
Installation
Mounting Torque:
1.5Nm (13.0 lbin) for double nut; 0.7Nm (6.0 lbin) for single nut
Cap Installation Force:
80.0N (18.0 lbf) maximum downward force on actuator
Soldering:
Wave Soldering (PC version): See Profile B in Supplement section.
Manual Soldering: See Profile B in Supplement section.
Cleaning:
These devices are not process sealed. Hand clean locally using alcohol based solution.
See Cleaning Specifications in Supplement section.
Standards & Certifications
Flammability Standards:
UL94V-0 available
UL & C-UL Recognized:
All single and double pole models recognized at 3A @ 125V AC or 0.4VA max. @ 28V DC max;
UL File No. WOYR2.E44145; add “/U” to end of part number to order UL mark on switch
C-UL File No. WOYR8.E44145; add “/C-UL” to end of part number to order C-UL mark on switch.
CSA Certified:
Single pole models with PC, solder lug, or Wirewrap terminals & double pole with PC or
Wirewrap terminals certified at 3A @ 125V AC or 0.4VA @ 28V maximum;
CSA File No. 023535-0-000; add “/C” to end of part number to order CSA mark on switch.
R


Similar Part No. - MB2411A1W40

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2411A1W01 NKK-MB2411A1W01 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
MB2411A1W03 NKK-MB2411A1W03 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
MB2411A1W05 NKK-MB2411A1W05 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
MB2411A1W06 NKK-MB2411A1W06 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
MB2411A1W07 NKK-MB2411A1W07 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
More results

Similar Description - MB2411A1W40

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
MB2411E1W01-FA NKK-MB2411E1W01-FA Datasheet
139Kb / 6P
   Snap-Action Pushbuttons
MB2411E1W01 NKK-MB2411E1W01 Datasheet
163Kb / 6P
   Snap-Action Pushbuttons
SCB15P15A-1A NKK-SCB15P15A-1A Datasheet
189Kb / 3P
   Snap Switch Pushbuttons
SCB25P15A-4CA NKK-SCB25P15A-4CA Datasheet
110Kb / 3P
   Snap Switch Pushbuttons
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com