Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7812R Datasheet(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

Part # ST7812R
Description  3-terminal 1 A positive voltage regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
Direct Link  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

ST7812R Datasheet(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  ST7812R Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. ST7812R Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. ST7812R Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Dated : 21/06/2006
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
ST 7812R
3-terminal 1 A positive voltage regulator
Features
• Output Current up to 1 A
• Thermal Overload Protection
• Short Circuit Protection
• Output Transistor Safe Operating Area Protection
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Units
Input Voltage
VI
35
V
Thermal Resistance Junction-Cases
RθJC
5
O
C/W
Thermal Resistance Junction-Air
RθJA
65
O
C/W
Operating Temperature Range
TOPR
0 to + 125
O
C
Storage Temperature Range
TS
- 65 to + 150
O
C
Electrical Characteristics
(0 OC < TJ < 125 OC, IO = 500 mA, VI = 19 V, CI = 0.33 µF, CO = 0.1 µF, unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
TJ = + 25 OC
11.5
12
12.5
Output Voltage
VO
5 mA
≤ IO ≤ 1 A, PO ≤ 15 W
VI = 14.5 V to 27 V
11.4
12
12.6
V
VI = 14.5 V to 30 V
-
-
240
Line Regulation
1)
Regline
TJ = + 25 OC
VI = 16 V to 22 V
-
-
120
mV
IO = 5 mA to 1.5 A
-
-
240
Load Regulation
1)
Regload
TJ = + 25 OC
IO = 250 mA to 750 mA
-
-
120
mV
Quiescent Current
IQ
TJ = + 25 OC
-
-
8
mA
IO = 5 mA to 1 A
-
-
0.5
Quiescent Current Change
ΔIQ
VI = 14.5 V to 30 V
-
-
1
mA
Output Voltage Drift
ΔVO/ΔT
IO = 5 mA
-
-1
-
mV/OC
Output Noise Voltage
VN
f = 10 Hz to 100 KHz, TA = + 25 OC
-
76
-
µV
Ripple Rejection
RR
f = 120 Hz, VI = 15 V to 25 V
55
-
-
dB
Dropout Voltage
VDrop
IO = 1 A, TJ = + 25 OC
-
2
-
V
Output Resistance
RO
f = 1 KHz
-
18
-
mΩ
Short Circuit Current
ISC
VI = 35 V, TA = + 25 OC
-
230
-
mA
Peak Current
IPK
TJ = + 25 OC
-
2.2
-
A
1) Load and line regulation are specified at constant junction temperature, Changes in Vo due to heating effects must be taken
into account separately. Pulse testing with low duty is used.


Similar Part No. - ST7812R

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
ST7812 SEMTECH_ELEC-ST7812 Datasheet
253Kb / 3P
   3-terminal 1 A positive voltage regulator
More results

Similar Description - ST7812R

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
7808R SEMTECH_ELEC-7808R Datasheet
210Kb / 3P
   3-Terminal 1 A Positive Voltage Regulator
7809R SEMTECH_ELEC-7809R Datasheet
197Kb / 2P
   3-terminal 1 A positive voltage regulator
7812R SEMTECH_ELEC-7812R Datasheet
220Kb / 3P
   3-terminal 1 A positive voltage regulator
ST7809 SEMTECH_ELEC-ST7809 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
Thinki Semiconductor Co...
LM78XX THINKISEMI-LM78XX Datasheet
552Kb / 7P
   3-Terminal 1 A Positive Voltage Regulator
logo
Fairchild Semiconductor
LM7808CT FAIRCHILD-LM7808CT Datasheet
460Kb / 24P
   3-Terminal 1 A Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST7808 SEMTECH_ELEC-ST7808 Datasheet
254Kb / 3P
   3-terminal 1 A positive voltage regulator
logo
ON Semiconductor
KA78XXE ONSEMI-KA78XXE Datasheet
534Kb / 29P
   3-Terminal 1 A Positive Voltage Regulator
April 2015 Rev. 1.9
logo
SEMTECH ELECTRONICS LTD...
7806 SEMTECH_ELEC-7806 Datasheet
221Kb / 3P
   3-terminal 1 A positive voltage regulator
7812 SEMTECH_ELEC-7812 Datasheet
221Kb / 3P
   3-terminal 1 A positive voltage regulator
7808 SEMTECH_ELEC-7808 Datasheet
237Kb / 3P
   3-terminal 1 A positive voltage regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com