Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UB01KW016B Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # UB01KW016B
Description  Complement to UB Pushbuttons
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

UB01KW016B Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  UB01KW016B Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. UB01KW016B Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. UB01KW016B Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Complement to UB Pushbuttons
UB Indicators
(16.2) Sq
.638
(22.4)
.882
(16.2)
.638
(22.4)
.882
(16.2)
.638
(5.08)
.200
L -
L +
(1.2) Dia Typ
.047
(5.08)
.200
L -
L +
(1.2) Dia Typ
.047
(12.0) Sq
.472
(15.24) Sq
.600
(0.5)
.020
(4.0)
.157
(0.5) Typ
.020
(10.0)
.394
(2.5)
.098
L -
L +
N.C.
N.C.
N.O.
COM
N.O.
COM
(2.54) Typ
.100
(1.0)
.039
(15.24)
.600
(12.0)
.472
(17.0)
.669
(20.32)
.800
(0.5)
.020
(4.0)
.157
(0.5) Typ
.020
(10.0)
.394
(2.5)
.098
L -
L +
N.C.
N.C.
N.O.
COM
N.O.
COM
(2.54) Typ
.100
(1.0)
.039
(12.0) Sq
.472
(17.8) Sq
.701
(0.8) x (1.6) Typ
.032 x .063
(0.5) Typ
.020
(1.4)
.055
(5.0)
.197
(10.0)
.394
(2.5)
.098
L -
L +
N.C.
N.C.
N.O.
COM
N.O.
COM
(2.54) Typ
.100
(2.0)
.079
(15.8)
.622
(2.54) Typ
.100
(2.0) Typ
.079
(22.0)
.866
(15.8)
.622
N.C.
N.O.
COM.
L
L
(0.8) x (1.6) Typ
.032 x .063
(0.5) Typ
.020
(1.4)
.055
(5.0)
.197
(10.0)
.394
(2.5)
.098
(12.0)
.472
(17.8)
.701
(17.0)
.669
(24.0)
.945
(17.8)
.701
(12.0)
.472
(17.0)
.669
(24.0)
.945
(0.5) Typ
.020
(3.9)
.154
(5.0)
.197
(8.6)
.339
(0.8) x (1.6) Typ
.032 x .063
N.C.
N.C.
N.O.
COM
N.O.
COM.
L -
L +
(2.0) Typ
.079
(2.54) Typ
.100
(22.0)
.866
(15.8)
.622
Panel Thickness:
1.0 ~ 3.2mm (.039 ~ .126”)
Panel Thickness:
1.0 ~ 3.2mm (.039 ~ .126”)
Panel Thickness:
1.0 ~ 3.2mm (.039 ~ .126”)
Square • PCB Mount
Square • Snap-in Mount • Built-in Bezel
Rectangular • PCB Mount
Rectangular • Snap-in Mount • Built-in Bezel
Rectangular • Snap-in Mount • Built-in Side Barriers
UB01KW035C-JC
UB03KW035F-FF
UB04KW015C-JC
UB06KW015D-DD
UB06BKW015F-FF
TYPICAL INDICATOR DIMENSIONS


Similar Part No. - UB01KW016B

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
UB0009 ULTRALIFE-UB0009 Datasheet
424Kb / 2P
   Chemical agent monitors
Rev: F
UB0020 ULTRALIFE-UB0020 Datasheet
610Kb / 2P
   Rugged, portable electronic field equipment
Rev A
UB0029 ULTRALIFE-UB0029 Datasheet
636Kb / 2P
   Emergency call system back-up power
Rev: -
UB0031 ULTRALIFE-UB0031 Datasheet
620Kb / 2P
   Improved low temperature performance
Rev -
UB0032 ULTRALIFE-UB0032 Datasheet
474Kb / 2P
   Javelin Medium Anti-Tank CLU
Rev: D
More results

Similar Description - UB01KW016B

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
UB201KW035C-1JB NKK-UB201KW035C-1JB_16 Datasheet
196Kb / 3P
   Complement to UB2 Pushbuttons
YB01KW01-05-BB NKK-YB01KW01-05-BB Datasheet
224Kb / 6P
   Complement to YB Pushbuttons
KB01KW01-05 NKK-KB01KW01-05 Datasheet
162Kb / 5P
   Complement to KB Pushbuttons
HB01KW01-5C-CB NKK-HB01KW01-5C-CB Datasheet
82Kb / 2P
   Complement to HB Pushbuttons
LB01KW01-05-BJ NKK-LB01KW01-05-BJ Datasheet
198Kb / 5P
   Complement to LB Pushbuttons
UB201KW035C-1JB NKK-UB201KW035C-1JB Datasheet
147Kb / 3P
   Complement to UB2 Pushbuttons
LB01KW01 NKK-LB01KW01 Datasheet
183Kb / 5P
   Complement to LB Pushbuttons
YB01KW01 NKK-YB01KW01 Datasheet
199Kb / 6P
   Complement to YB Pushbuttons
logo
List of Unclassifed Man...
FJV1845PMTF ETC2-FJV1845PMTF Datasheet
74Kb / 5P
   Complement to FJV992
logo
Inchange Semiconductor ...
2SA1265 ISC-2SA1265 Datasheet
111Kb / 2P
   Complement to Type 2SC3182
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com