Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W632 Datasheet(PDF) 3 Page - Lumins Inc.

Part # W632
Description  Wall mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

W632 Datasheet(HTML) 3 Page - Lumins Inc.

  W632 Datasheet HTML 1Page - Lumins Inc. W632 Datasheet HTML 2Page - Lumins Inc. W632 Datasheet HTML 3Page - Lumins Inc. W632 Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
Sept. 2006 Rev. Feb.2007
Toll free: 888 .401 .6999
ACW1
27”
17 3/4”
ACA1/ ACW1 -1” x 3” extruded aluminum side pole or wall mounting adaptor.
1/2” dia. stainless steel rod support. 10” x 4” o.dia. aluminum tenon.
10”
16”
11 1/2”
6 3/8”
10 1/2”
6 1/8”
28”
4 1/2”
17 3/4”
ACA1
Wall mount
4 5/8”
3”
EC3PS -1” x 3” extruded
aluminum twin short arm side
pole mounting adaptor designed
to fit with 4 to 5” dia. poles.
16” lg. X4” o.d. tenon. This option
is applicable only to catalog
numbers with the suffix LS
EC3WS -1” x 3” extruded
aluminum twin short arm mounting
adaptor designed for wall
installation, with a set of two cast
aluminum mounting plates.
This option is applicable only to
catalog numbers with the suffix LS
Pole mount
ECLIPSE
OPTIONAL MOUNTING AND ACCESSORIES
Power
Power
Power
ACW1 series
Mounting
4 5/8”
3”
6 1/8
6 1/8”
17 3/8”
EC3W
EC3WS
series
Mounting
Power
EC3W -1” x 3” extruded aluminum
twin extended arm mounting
adaptor designed for wall
installation, with a set of two cast
aluminum mounting plates.
Please specify selected option with a suffix to the specified model number.
Ex: W624LS-EC3WS-EC5 M100-WHT
Power
EPA:0.7
3 1/2”
2 1/2”
18”
.093” thick hard aluminum factory
prefixed dropped shade. The
underside is standard white
enamel to optimize lighting
performance. The shade can slide
along the diffuser to
accommodate various landscape
viewing angles.
3/16” thick cast aluminum shade
for applications where heavy
traffic requires indestructible
materials. The underside is
standard white enamel to optimize
lighting performance. The shade
can slide along the diffuser to
accommodate various landscape
viewing angles.
30”
23”
2 1/2”
2 1/2”
30”
2 1/2”
25”
Pier or short wall top mount
6” dia.
2” dia.power entry.
(3) 5/8” dia.
mounting holes
@ 120º
8” dia.
Option: PR7
Option: EC5
30”dia. aluminum single
adjustable dropped shade
18” dia. cast aluminum
adjustable shade
Option: EC7
23/30”dia. aluminum double
adjustable dropped shade
Set of two .093” thick hard
aluminum shades factory
prefixed. The underside is
standard white enamel to optimize
lighting performance. The set of
shades can slide along the
diffuser to accommodate various
landscape viewing angles.
Note: The distance between the
two shades is fixed.
Option: EC6
Short bollard
stand.
Compatible with
all bollard
luminaires.
Add. PR7 as
suffix to the
selected bollard
model.
Luminaires may be altered for design improvements or discontinued without prior notice.
EPA:0.72
16”
18 3/8”
7 1/4”
Power
EC3P -1” x 3” extruded
aluminum twin extended
arm side pole mounting
adaptor designed to fit with
4 to 5” dia. poles.
16” lg. X4” o.d. tenon.
EPA:0.97
EPA:0.25
EPA:0.44
EPA:0.26
L U M I
I
N S
Page
42
Compatible with:
ACA1
EC3P
ACW1
EC3W
Compatible with:
ACA1
EC3P
EC3PS
ACW1
EC3W
EC3WS
Compatible with:
ACA1
EC3P
ACW1
EC3W
Compatible with:
W788 TO W791 Bollard series.


Similar Part No. - W632

ManufacturerPart #DatasheetDescription
logo
Winbond
W632GG6KB WINBOND-W632GG6KB Datasheet
3Mb / 159P
   16M X 8 BANKS X 16 BIT DDR3 SDRAM
W632GG6KB-11 WINBOND-W632GG6KB-11 Datasheet
3Mb / 159P
   16M X 8 BANKS X 16 BIT DDR3 SDRAM
W632GG6KB-12 WINBOND-W632GG6KB-12 Datasheet
3Mb / 159P
   16M X 8 BANKS X 16 BIT DDR3 SDRAM
W632GG6KB-15 WINBOND-W632GG6KB-15 Datasheet
3Mb / 159P
   16M X 8 BANKS X 16 BIT DDR3 SDRAM
W632GG6KB12I WINBOND-W632GG6KB12I Datasheet
3Mb / 159P
   16M X 8 BANKS X 16 BIT DDR3 SDRAM
More results

Similar Description - W632

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
AR10W LUMINIS-AR10W Datasheet
99Kb / 2P
   Wall mount
PR200 LUMINIS-PR200 Datasheet
18Kb / 1P
   Wall mount
W1282 LUMINIS-W1282 Datasheet
143Kb / 3P
   Wall mount
W1290 LUMINIS-W1290 Datasheet
144Kb / 3P
   Wall mount
logo
SUNNY Computer Technolo...
SYS1308N-WXX SUNNY-SYS1308N-WXX Datasheet
874Kb / 2P
   Wall mount
03.10.2022
SYS1529-WXX SUNNY-SYS1529-WXX Datasheet
964Kb / 2P
   Wall mount
03.10.2022
SYS1541-WXX SUNNY-SYS1541-WXX Datasheet
1Mb / 2P
   Wall mount
17.01.2023
SYS1561-WXX SUNNY-SYS1561-WXX Datasheet
1Mb / 3P
   Wall mount
16.08.2023
SYS1588-W2E SUNNY-SYS1588-W2E Datasheet
909Kb / 2P
   Wall mount
03.10.2022
logo
Lumins Inc.
LX130 LUMINIS-LX130 Datasheet
90Kb / 2P
   Wall mount
LX110 LUMINIS-LX110 Datasheet
98Kb / 2P
   Wall mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com