Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W793 Datasheet(PDF) 1 Page - Lumins Inc.

Part # W793
Description  Bollard mount
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

W793 Datasheet(HTML) 1 Page - Lumins Inc.

  W793 Datasheet HTML 1Page - Lumins Inc. W793 Datasheet HTML 2Page - Lumins Inc. W793 Datasheet HTML 3Page - Lumins Inc. W793 Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Photometry
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
ECLIPSE
Sept. 2006 Rev. Feb.2007
luminaire tilt
action.
Access
to lamp
Access
Ballast
12 ”
42”
Toll free: 888 .401 .6999
18”
Specification
W793 . W795 . W796
All exposed cast aluminum components are made of non corrosive
pure aluminum copper free (Aluminum is less than .1% copper
content.#356 alloy.)
The luminaire base assembly is built with a hinge
mechanism,allowing to tilt the top part of the luminaire to access the
electrical equipment. No tools required. The quick disconnect
ballast assembly is installed on a removable tray. The lamp is
accessible with a twist and lock action.
The ease of maintenance and lamp replacement concept will leave
the optical chamber free of finger prints and foreign particles,
Finish: All polyester powder baked coatings preceded with
a 5 baths preparation process. Meets military grade
MIL-C781706 with a 2000 hours salt spray test.
- Pulse rated porcelain socket.
- One-piece molded silicone gasket with memory retention.
- High power factor CWA ballast for H.I.D.or 98% P.F.
- All stainless steel hardware.
- All Moving and removable parts are sealed with a
memory retention silicone gasket.
1- Min. 3/16” thick cast aluminum top cover.
2- W795: Set of three 1/4” thick interlocked cast aluminum blades.
3- Clear acrylic U.V. protected high impact cylinder.
4- 1/2” dia. solid aluminum struts.
5- Type V light distribution borosilicate refractor.
6- Cast Aluminum swing out housing,with safety cable retainer.
Push release button for quick access to electrical equipment
Safety lock hexagonal side set screw for restricted access.
(Except for safety lock,no tools required for maintenance.)
7- Cast Aluminum ballast housing with dissipation fins to maximize
heat dissipation and cool operation of ballast.
8- 8” dia.extruded aluminum bollard stand.
9- W796: 18” dia.field adjustable min. 3/16” thick cast aluminum
shade. Adjustability will contribute to control brightness with
various viewing angles.
W793
W796
W795
4
1
3
5
6
2
9
8
7
14”
Bollard mount
UL. Wet Location.
Certification
(Lamps by others)
Light source selection
120 V Standard factory
prewired
(If no voltage is specified)
For other voltages, please
specify with catalog number.
208 V
240 V
277 V
347 V
Model#
Voltage
Finish
Options
W793
W795
W796
H.I.D.
For options details and
specifications, please refer to
pages 41.42.43
Luminaires may be altered for design improvements or discontinued without prior notice.
Separate updated technical
specification sheets with related
models and light sources with
I.E.S formatted photometry are
available on
www.luminis.com.
Standard selection
WHT:Snow white
BKT: Jet black
BZT: Bronze
GRT: Titanium gray
DGT: Gun metal
CHT: Champagne
MST: Matte silver
GNT: Forest green
Optional colors
CS: Custom color
RAL: RAL# color
(Refer to color chart)
Mounting
Bolt circle
dia. 6”
8” dia.
base plate
L U M I
I
N S
Mounting.
Set of three 1/2” -13 x 12” lg.
galvanized anchor bolts.
MH (ED17)
HPS (ED17)
H50
H70
H100
M50
M70
M100
Accessories
H1:
House shield.
PR7:
Pier mount.
Electrical
FS:
Fuse
PH1:
120/277V photo cell
PH2:
347V photo cell
Page
39
Accessories
LB1:
Release button lock
H2:
House shield.
STS30:
Stainless steel shade.
Available with W616LS only.
EC6:
Double dropped
shade.
EC7:
Single dropped
shade
EC5:
18” dia.Cast
aluminum shade
Electrical
FS:
Fuse
PH1:
120/277V photo cell
PH2:
347V photo cell


Similar Part No. - W793

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W791 LUMINIS-W791 Datasheet
190Kb / 4P
   Bollard mount
W797 LUMINIS-W797 Datasheet
200Kb / 4P
   Bollard mount
W798 LUMINIS-W798 Datasheet
200Kb / 4P
   Bollard mount
W799 LUMINIS-W799 Datasheet
200Kb / 4P
   Bollard mount
logo
Winbond
W79E201 WINBOND-W79E201 Datasheet
818Kb / 87P
   8-BIT MICROCONTROLLER
More results

Similar Description - W793

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W788 LUMINIS-W788 Datasheet
190Kb / 4P
   Bollard mount
W797 LUMINIS-W797 Datasheet
200Kb / 4P
   Bollard mount
TM100 LUMINIS-TM100 Datasheet
23Kb / 1P
   Bollard
TR35 LUMINIS-TR35 Datasheet
133Kb / 3P
   Bollard
TR25B LUMINIS-TR25B Datasheet
137Kb / 3P
   Bollard
SO10B LUMINIS-SO10B Datasheet
49Kb / 1P
   Bollard
TR35B LUMINIS-TR35B Datasheet
133Kb / 3P
   Bollard
TM107 LUMINIS-TM107 Datasheet
26Kb / 1P
   Bollard
logo
Axiomtek Co., Ltd.
P6157W AXIOMTEK-P6157W Datasheet
282Kb / 2P
   Supports panel mount, wall mount, VESA mount
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com