Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SN54LV138A Datasheet(HTML) 5 Page - Texas Instruments

Part No. SN54LV138A
Description  3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN54LV138A Datasheet(HTML) 5 Page - Texas Instruments

  SN54LV138A Datasheet HTML 5Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 16 page
background image
www.ti.com
Recommended Operating Conditions
(1)
Electrical Characteristics
SN54LV138A, SN74LV138A
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SCLS395L – APRIL 1998 – REVISED AUGUST 2005
SN54LV138A(2)
SN74LV138A
UNIT
MIN
MAX
MIN
MAX
VCC
Supply voltage
2
5.5
2
5.5
V
VCC = 2 V
1.5
1.5
VCC = 2.3 V to 2.7 V
VCC × 0.7
VCC × 0.7
VIH
High-level input voltage
V
VCC = 3 V to 3.6 V
VCC × 0.7
VCC × 0.7
VCC = 4.5 V to 5.5 V
VCC × 0.7
VCC × 0.7
VCC = 2 V
0.5
0.5
VCC = 2.3 V to 2.7 V
VCC × 0.3
VCC × 0.3
VIL
Low-level input voltage
V
VCC = 3 V to 3.6 V
VCC × 0.3
VCC × 0.3
VCC = 4.5 V to 5.5 V
VCC × 0.3
VCC × 0.3
VI
Input voltage
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
V
VCC = 2 V
–50
–50
µA
VCC = 2.3 V to 2.7 V
–2
–2
IOH
High-level output current
VCC = 3 V to 3.6 V
–6
–6
mA
VCC = 4.5 V to 5.5 V
–12
–12
VCC = 2 V
50
50
µA
VCC = 2.3 V to 2.7 V
2
2
IOL
Low-level output current
VCC = 3 V to 3.6 V
6
6
mA
VCC = 4.5 V to 5.5 V
12
12
VCC = 2.3 V to 2.7 V
200
200
∆t/∆v Input transition rise or fall rate
VCC = 3 V to 3.6 V
100
100
ns/V
VCC = 4.5 V to 5.5 V
20
20
TA
Operating free-air temperature
–55
125
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
(2)
Product Preview
over recommended operating free-air temperature range (unless otherwise noted)
SN54LV138A(1)
SN74LV138A
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
IOH = –50 µA
2 V to 5.5 V
VCC – 0.1
VCC – 0.1
IOH = –2 mA
2.3 V
2
2
VOH
V
IOH = –6 mA
3 V
2.48
2.48
IOH = –12 mA
4.5 V
3.8
3.8
IOL = 50 µA
2 V to 5.5 V
0.1
0.1
IOL = 2 mA
2.3 V
0.4
0.4
VOL
V
IOL = 6 mA
3 V
0.44
0.44
IOL = 12 mA
4.5 V
0.55
0.55
II
VI = 5.5 V or GND
0 to 5.5 V
±1
±1
µA
ICC
VI = VCC or GND,
IO = 0
5.5 V
20
20
µA
Ioff
VI or VO = 0 to 5.5 V
0
5
5
µA
Ci
VI = VCC or GND
3.3 V
2.1
2.1
pF
(1)
Product Preview
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M74LS138P3-LINE TO 8-LINE DECODER / DEMULTIPLEXER 1 2 3 4 Mitsubishi Electric Semiconductor
CD54AC1383-to-8-Line Decoders/Demultiplexers 1 2 3 4 5 MoreTexas Instruments

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn