Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR400C Datasheet(PDF) 1 Page - Lumins Inc.

Part # SR400C
Description  Ceiling surface mounting
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMINIS [Lumins Inc.]
Direct Link  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

SR400C Datasheet(HTML) 1 Page - Lumins Inc.

  SR400C Datasheet HTML 1Page - Lumins Inc. SR400C Datasheet HTML 2Page - Lumins Inc. SR400C Datasheet HTML 3Page - Lumins Inc. SR400C Datasheet HTML 4Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Max. weight: 20 lbs
Installation: Connects to a standard 4”octagonal electrical box
with 3 1/2” c/c mounting holes.
90
60
30
LUMINIS [ USA ] - 3555 NW 53rd Court, Fort Lauderdale, FL.33309
Tel: 954 .717 .4155
Fax: 954
. 717.4157
Web: www.luminis.com
LUMINIS [ Canada ] - 87 C Brunswick D.D.O. Q.C. Canada H9B 2J5
SCIROCCO
Sept. 2006 Rev. Feb.2007
1
2
5
12”
17”
Toll free: 888 .401 .6999
4
7 1/2”
3
All exposed cast aluminum components are made of non corrosive
pure aluminum copper free (Aluminum is less than .1% copper
content. #356 alloy.)
Finish: All polyester powder baked coatings preceded with
a 5 baths preparation process. Meets military grade
MIL-C781706 with a 2000 hours salt spray test.
- Pulse rated porcelain socket or 75W/600V thermoplastic compact
fluorescent socket.
- One-piece molded silicone gasket with memory retention.
- High power factor CWA ballast. Or 98% P.F.electronic smart
ballast with end of life detection for compact fluorescent.
- All stainless steel hardware.
- All Moving and removable parts are sealed with a
memory retention silicone gasket.
1- Cast aluminum ballast housing, with built-in hinge mechanism.
2- Set of two cast aluminum clamp retainers.
3- SR400C: White translucent acrylic diffuser 4” X 12” dia.
SR410C: Solid aluminum light shield.
SR420C: perforated aluminum light shield.
4- Thermal shock and heat resistant borosilicate frosted
heavy glass diffuser, with a prismatic linear inner glass structure.
5- One piece cast aluminum star ribbed cage
Luminaries may be altered for improvements or discontinued without prior notice.
Certification
(Lamps by others)
Light source selection
208 V
240 V
277 V
347 V
347 V (To specify)
Compact fluorescent
smart ballast 120/277
Model#
Voltage
Finish
Options
SR400C
SR410C
SR420C
H.I.D.
Weight
L U M I
I
N S
Photometry
Separate updated technical
specification sheets with related
models and light sources with
I.E.S formatted photometry are
available on
www.luminis.com.
E.T.L Damp location
Standard selection
WHT:Snow white
BKT: Jet black
BZT: Bronze
GRT: Titanium gray
DGT: Gun metal
CHT: Champagne
MST: Matte silver
GNT: Forest green
Optional colors
CS: Custom color
RAL: RAL# color
(Refer to color chart)
120 V Standard factory
prewired (If no voltage
is specified)
For other voltages,
please specify with
catalog number.
SR420C
SR410C
SR400C
Specification
SR400C. SR410C. SR420C
Page
93
Note: EM optional battery test
switch and pilot lamp are installed
remotely. (See page 103)
Accessories
PC5:
High impact diffuser.
Max.50W
Electrical
EM42S: 1 lamp (26/32/42W)
FS:
Fuse
QS:
Standby lamp socket.
QRS:
H.I.D. lamp restrike
CF (Gx24q)
Single lamp
F132
F142
F157
F226
F232
F242
CF (Gx24q)
Two lamp
MH (ED17)
M50
M70
HPS (ED17)
H50
H70
Please refer to page 103 for
additional details.
Ceiling surface mounting
Note:
50W.HPS
is available
with
120/277V
only.


Similar Part No. - SR400C

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SR400CD LUMINIS-SR400CD Datasheet
306Kb / 4P
   Ceiling surface mounting
More results

Similar Description - SR400C

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SR400SD LUMINIS-SR400SD Datasheet
307Kb / 4P
   Ceiling surface mounting
SR500 LUMINIS-SR500 Datasheet
301Kb / 4P
   Ceiling surface mounting
SR400CD LUMINIS-SR400CD Datasheet
306Kb / 4P
   Ceiling surface mounting
SR510 LUMINIS-SR510 Datasheet
298Kb / 4P
   Ceiling surface mounting
SR560 LUMINIS-SR560 Datasheet
298Kb / 4P
   Ceiling surface mounting
SR600 LUMINIS-SR600 Datasheet
299Kb / 4P
   Ceiling surface mounting
NT100C LUMINIS-NT100C Datasheet
110Kb / 2P
   Ceiling surface mount
logo
Laird Tech Smart Techno...
SL8244P12NF LSTD-SL8244P12NF Datasheet
351Kb / 1P
   Easy mounting to all ceiling surfaces
logo
Lumins Inc.
SY610 LUMINIS-SY610 Datasheet
349Kb / 2P
   Cast aluminum ventilated top cover with ceiling mounting plate.
W1000 LUMINIS-W1000 Datasheet
86Kb / 2P
   Ceiling mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com